データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3240A データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA3240A
部品情報  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240A データシート(HTML) 4 Page - Intersil Corporation

  CA3240A Datasheet HTML 1Page - Intersil Corporation CA3240A Datasheet HTML 2Page - Intersil Corporation CA3240A Datasheet HTML 3Page - Intersil Corporation CA3240A Datasheet HTML 4Page - Intersil Corporation CA3240A Datasheet HTML 5Page - Intersil Corporation CA3240A Datasheet HTML 6Page - Intersil Corporation CA3240A Datasheet HTML 7Page - Intersil Corporation CA3240A Datasheet HTML 8Page - Intersil Corporation CA3240A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Common-Mode Rejection Ratio
CMRR
32
32
µV/V
90
90
dB
Common-Mode Input Voltage Range (See Figure 25)
VICR
-0.5
-0.5
V
2.6
2.6
V
Power Supply Rejection Ratio
PSRR
31.6
31.6
µV/V
90
90
dB
Maximum Output Voltage (See Figures 24, 25)
VOM+3
3
V
VOM-0.3
0.3
V
Maximum Output Current
Source
IOM+20
20
mA
Sink
IOM-1
1
mA
Slew Rate (See Figure 15)
SR
7
7
V/
µs
Gain Bandwidth Product (See Figure 14)
fT
4.5
4.5
MHz
Supply Current (See Figure 16)
I+
4
4
mA
Device Dissipation
PD
20
20
mW
Electrical Specifications
For Equipment Design, at V+ = 5V, V- = 0V, TA =25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3240A
CA3240
Test Circuits and Waveforms
FIGURE 1A. SMALL SIGNAL RESPONSE
FIGURE 1B. LARGE SIGNAL RESPONSE
FIGURE 1C. TEST CIRCUIT
FIGURE 1. SPLIT-SUPPLY VOLTAGE FOLLOWER TEST CIRCUIT AND ASSOCIATED WAVEFORMS
50mV/Div., 200ns/Div.
Top Trace: Input, Bottom Trace: Output
5V/Div., 1
µs/Div.
Top Trace: Input, Bottom Trace: Output
2k
10k
CA3240
+15V
-15V
0.1
µF
0.1
µF
100pF
SIMULATED
LOAD
2k
0.05
µF
+
-
BW (-3dB) = 4.5MHz
SR = 9V/
µs
CA3240, CA3240A


同様の部品番号 - CA3240A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

同様の説明 - CA3240A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com