データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3262E データシート(PDF) 6 Page - Intersil Corporation

部品番号 CA3262E
部品情報  Quad-Gated, Inverting Power Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3262E データシート(HTML) 6 Page - Intersil Corporation

  CA3262E Datasheet HTML 1Page - Intersil Corporation CA3262E Datasheet HTML 2Page - Intersil Corporation CA3262E Datasheet HTML 3Page - Intersil Corporation CA3262E Datasheet HTML 4Page - Intersil Corporation CA3262E Datasheet HTML 5Page - Intersil Corporation CA3262E Datasheet HTML 6Page - Intersil Corporation CA3262E Datasheet HTML 7Page - Intersil Corporation CA3262E Datasheet HTML 8Page - Intersil Corporation CA3262E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FIGURE 5A. TYPICAL SUPPLY CURRENT (PIN 11)
CHARACTERISTICS
FIGURE 5B. TYPICAL COLLECTOR-TO-EMITTER SATURATION
VOLTAGE CHARACTERISTICS IN QUAD-GATED
INVERTING POWER DRIVER OUTPUTS
FIGURE 5C. TYPICAL PROPAGATION DELAY TIME
CHARACTERISTICS
FIGURE 5D. TYPICAL CLAMP-DIODE FORWARD VOLTAGE
CHARACTERISTICS
FIGURE 5. TYPICAL CHARACTERISTICS OF THE CA3262AE AND CA3262AQ
FIGURE 6A. DISSIPATION RATING CHART FOR PLCC, PDIP
AND SOIC PACKAGES WITHOUT ADDITIONAL
HEAT SINKS
FIGURE 6B. DISSIPATION RATING CHART FOR PLCC, PDIP
AND SOIC PACKAGES WITH 2 SQ. IN. OF
COPPER PC BOARD HEAT SINKING
Typical Performance Curves (Continued)
AMBIENT TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
140
80
70
60
50
40
30
20
10
0
SUPPLY VOLTAGE (VCC) = 5.5V
IOUT = 500mA (EACH)
IOUT = 0mA
VIN HIGH
VIN LOW
-40
-20
0
20
40
60
80
100
120
140
0.7
0.6
0.5
0.4
0.3
0.2
0.1
AMBIENT TEMPERATURE (oC)
SUPPLY VOLTAGE (VCC) = 4.75
IOUT = 600mA
-40
-20
0
20
40
60
80
100
120
140
4
3
2
1
0
AMBIENT TEMPERATURE (oC)
tPLH
9, 10, 15, 16
(16) (17) (27) (28)
1, 3, 6, 8
(2) (4) (12) (14)
VIN
VOUT
(ON)
tPHL
50%
50%
tPLH
tPHL
(OFF)
-40
-20
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (oC)
4
3
2
1
0
IF = 1.5A
IF = 1A
-50
0
50
100
150
0
0.5
1
1.5
1
2
AMBIENT TEMPERATURE (oC)
PACKAGE DERATING WITHOUT HEAT SINK
1 - CA3262AQ (PLCC)
2 - CA3262AE (PDIP), CA3262AM (SOIC)
-50
0
50
100
150
0
0.5
1
1.5
AMBIENT TEMPERATURE (oC)
1
32
PACKAGE DERATING WITH 2 SQ INCHES OF
1 - CA3262AQ (PLCC)
3 - CA3262AE (PDIP)
2 - CA3262AM (SOIC)
COPPPER PC BOARD HEAT SINK AREA
CA3262A, CA3262


同様の部品番号 - CA3262E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260A INTERSIL-CA3260A Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260A RENESAS-CA3260A Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

同様の説明 - CA3262E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com