データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3280 データシート(PDF) 9 Page - Intersil Corporation

部品番号 CA3280
部品情報  Dual, 9MHz, Operational Transconductance Amplifier (OTA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3280 データシート(HTML) 9 Page - Intersil Corporation

Back Button CA3280 Datasheet HTML 2Page - Intersil Corporation CA3280 Datasheet HTML 3Page - Intersil Corporation CA3280 Datasheet HTML 4Page - Intersil Corporation CA3280 Datasheet HTML 5Page - Intersil Corporation CA3280 Datasheet HTML 6Page - Intersil Corporation CA3280 Datasheet HTML 7Page - Intersil Corporation CA3280 Datasheet HTML 8Page - Intersil Corporation CA3280 Datasheet HTML 9Page - Intersil Corporation CA3280 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FIGURE 17. LEAKAGE CURRENT vs TEMPERATURE
FIGURE 18. AMPLIFIER BIAS VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 19. 1/f NOISE vs FREQUENCY
FIGURE 20. PEAK OUTPUT CURRENT vs AMPLIFIER BIAS
CURRENT
FIGURE 21. DIODE RESISTANCE vs DIODE CURRENT
FIGURE 22. AMPLIFIER GAIN vs AMPLIFIER BIAS CURRENT
Typical Performance Curves (Continued)
104
103
102
10
1
10-1
10-2
-75
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE (oC)
V9 = V10 = V12 = 30V
V9 = V10 = V12 = 0V
1800
1600
1400
1200
1000
800
600
400
1
101
102
103
AMPLIFIER BIAS CURRENT (
µA)
VS = ±15V
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = -55
oC
TA = 25
oC
101
102
103
104
105
IABC = 500µA
24
22
20
18
16
14
12
10
8
6
4
2
0
FREQUENCY (Hz)
TA = 125
oC
TA = -55
oC
TA = 25
oC
TA = -55
oC
TA = 25
oC
TA = 125
oC
VS = ±15V
103
102
101
1
1
101
102
103
AMPLIFIER BIAS CURRENT (
µA)
TA = +25
oC
VS = +15V
106
105
104
103
102
101
10-1
1
101
102
103
104
DIODE CURRENT (
µA)
105
104
103
102
101
1
10-1
TA = -55
oC
TA = 25
oC
TA = 125
oC
10-3
10-2
10-1
1
101
102
103
104
AMPLIFIER BIAS CURRENT (
µA)
CA3280, CA3280A


同様の部品番号 - CA3280

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
CA3280AE INTERSIL-CA3280AE Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280AE RENESAS-CA3280AE Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

同様の説明 - CA3280

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com