データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3272 データシート(PDF) 10 Page - Intersil Corporation

部品番号 CA3272
部品情報  Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3272 データシート(HTML) 10 Page - Intersil Corporation

Back Button CA3272 Datasheet HTML 2Page - Intersil Corporation CA3272 Datasheet HTML 3Page - Intersil Corporation CA3272 Datasheet HTML 4Page - Intersil Corporation CA3272 Datasheet HTML 5Page - Intersil Corporation CA3272 Datasheet HTML 6Page - Intersil Corporation CA3272 Datasheet HTML 7Page - Intersil Corporation CA3272 Datasheet HTML 8Page - Intersil Corporation CA3272 Datasheet HTML 9Page - Intersil Corporation CA3272 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CA3272A, CA3292A
NOTES:
1. Controlling dimension: INCH. Converted millimeter dimensions
are not necessarily exact.
2. Dimensions and tolerancing per ANSI Y14.5M-1982.
3. Dimensions D1 and E1 do not include mold protrusions. Allow-
able mold protrusion is 0.010 inch (0.25mm) per side.
4. To be measured at seating plane
contact point.
5. Centerline to be determined where center leads exit plastic body.
6. “N” is the number of terminal positions.
A1
A
SEATING
PLANE
0.020 (0.51)
MIN
VIEW “A”
D2/E2
0.025 (0.64)
0.045 (1.14)
R
0.042 (1.07)
0.056 (1.42)
0.050 (1.27) TP
E
E1
0.042 (1.07)
0.048 (1.22)
PIN (1) IDENTIFIER
C
L
D1
D
0.020 (0.51) MAX
3 PLCS
0.026 (0.66)
0.032 (0.81)
0.045 (1.14)
MIN
0.013 (0.33)
0.021 (0.53)
0.025 (0.64)
MIN
VIEW “A” TYP.
0.004 (0.10)
C
-C-
D2/E2
C
L
-C-
Plastic Leaded Chip Carrier Packages (PLCC)
N28.45 (JEDEC MS-018AB ISSUE A)
28 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.180
4.20
4.57
-
A1
0.090
0.120
2.29
3.04
-
D
0.485
0.495
12.32
12.57
-
D1
0.450
0.456
11.43
11.58
3
D2
0.191
0.219
4.86
5.56
4, 5
E
0.485
0.495
12.32
12.57
-
E1
0.450
0.456
11.43
11.58
3
E2
0.191
0.219
4.86
5.56
4, 5
N28
28
6
Rev. 1 3/95
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com


同様の部品番号 - CA3272

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
CA3274 INTERSIL-CA3274 Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3274E INTERSIL-CA3274E Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
CA3275E INTERSIL-CA3275E Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
More results

同様の説明 - CA3272

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
   Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
   60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com