データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3290AE データシート(PDF) 5 Page - Intersil Corporation

部品番号 CA3290AE
部品情報  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290AE データシート(HTML) 5 Page - Intersil Corporation

  CA3290AE Datasheet HTML 1Page - Intersil Corporation CA3290AE Datasheet HTML 2Page - Intersil Corporation CA3290AE Datasheet HTML 3Page - Intersil Corporation CA3290AE Datasheet HTML 4Page - Intersil Corporation CA3290AE Datasheet HTML 5Page - Intersil Corporation CA3290AE Datasheet HTML 6Page - Intersil Corporation CA3290AE Datasheet HTML 7Page - Intersil Corporation CA3290AE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Their gate source potentials (VGS) are supplied by a common
bus from the biasing circuit shown in the right hand portion of
the Schematic Diagram. The currents supplied by Q10 and
Q12 are twice those supplied by Q9 and Q11. The transistor
geometries are appropriately scaled to provide the requisite
currents with common VGS applied to Q9 through Q12.
Operating Considerations
Input Circuit
The use of MOS transistors in the input stage of the CA3290
series circuits provides the user with the following features
for comparator applications:
1. Ultra high input impedance (
≅1.7TΩ);
2. The availability of common mode rejection for input signals
at potentials below that of the negative power supply rail;
3. Retention of the in phase relationship of the input and out-
put signals for input signals below the negative rail.
Although the CA3290 employs rugged bipolar (zener) diodes
for protection of the input circuit, the input terminal currents
should not exceed 1mA. Appropriate series connected
limiting resistors should be used in circuits where greater
current flows might exist, allowing the signal input voltage to
be greater than the supply voltage without damaging the
circuit.
Output Circuit
The output of the CA3290 is the open collector of an n-p-n
transistor, a feature providing flexibility in a broad range of
comparator applications. An output ORing function can be
implemented by parallel connection of the open collectors.
An output pull-up resistor can be connected to a power
supply having a voltage range within the rating of the
particular CA3290 in use; the magnitude of this voltage may
be set at a value which is independent of that applied to the
V+ terminal of the CA3290.
Parasitic Oscillations
The ideal comparator has, among other features, ultra high
input impedance, high gain, and wide bandwidth. These
desirable characteristics may, however, produce parasitic
oscillations unless certain precautions are observed to
minimize the stray capacitive coupling between the input and
output terminals. Parasitic oscillations manifest themselves
during the output voltage transition intervals as the
comparator switches states. For high source impedances,
stray capacitance can induce parasitic oscillations. The
addition of a small amount (1mV to 10mV) of positive
feedback (hysteresis) produces a faster transition, thereby
reducing the likelihood of parasitic oscillations. Furthermore,
if the input signal is a pulse waveform, with relatively rapid
rise and fall times, parasitic tendencies are reduced.
When dual comparators, like the CA3290, are packaged in an
8 lead configuration, the output terminal of each comparator is
adjacent to an input terminal. The lead-to-lead capacitance is
approximately 1pF, which may be sufficient to cause
undesirable feedback effects in certain applications. Circuit
factors such as impedance levels, supply voltage, switching
rate, etc., may increase the possibility of parasitic oscillations.
To minimize this potential oscillatory condition, it is
recommended that for source impedances greater than 1k
Ω a
capacitor (
≥1pF - 2pF) be connected between the appropriate
input terminal and the output terminal. (See Figure 1.)
If either comparator is unused, its input terminals should also
be tied to either the V+ or V- supply rail.
Typical Applications
Light Controlled One-Shot Timer
In Figure 5 one comparator (A1) of the CA3290 is used to
sense a change in photo diode current. The other
comparator (A2) is configured as a one-shot timer and is
triggered by the output of A1. The output of the circuit will
switch to a low state for approximately 60 seconds after the
light source to the photo diode has been interrupted. The
circuit operates at normal room lighting levels. The
sensitivity of the circuit may be adjusted by changing the
values of R1 and R2. The ratio of R1 to R2 should be
constant to insure constant reverse voltage bias on the
photo diode.
V+
D2
D1
VI+
I1
50
µA
QP1
Q2
Q5
I2
100
µA
Q3
Q6
I3
50
µA
I4
100
µA
VI-
D3
D4
VO
Q8
V-
QP4
Q7
FIGURE 4. BASIC CIRCUIT DIAGRAM FOR ONE OF THE TWO
COMPARATORS
+
-
+15V
A2 CA3290
7
6
5
+15V
3.3k
60M
1.0
µF
10k
140k
+
-
A1 CA3290
1
+15V
1N914
8
4
0.01
µF
1N914
+15V
3
2
1M
+15V
15k
1.5M
2M
15
k
C30809
X 60s TIME
R1
R2
FIGURE 5. LIGHT CONTROLLED ONE-SHOT TIMER
CA3290, CA3290A


同様の部品番号 - CA3290AE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3290AE INTERSIL-CA3290AE Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
More results

同様の説明 - CA3290AE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com