データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3310 データシート(PDF) 9 Page - Intersil Corporation

部品番号 CA3310
部品情報  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 データシート(HTML) 9 Page - Intersil Corporation

Back Button CA3310 Datasheet HTML 5Page - Intersil Corporation CA3310 Datasheet HTML 6Page - Intersil Corporation CA3310 Datasheet HTML 7Page - Intersil Corporation CA3310 Datasheet HTML 8Page - Intersil Corporation CA3310 Datasheet HTML 9Page - Intersil Corporation CA3310 Datasheet HTML 10Page - Intersil Corporation CA3310 Datasheet HTML 11Page - Intersil Corporation CA3310 Datasheet HTML 12Page - Intersil Corporation CA3310 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
6-14
FIGURE 14. SUPPLY CURRENT vs CLOCK FREQUENCY
FIGURE 15. SUPPLY CURRENT vs TEMPERATURE
TABLE 1. PIN DESCRIPTIONS
PIN NUMBER
NAME
DESCRIPTION
1-10
D0 - D9
Three-State outputs for data bits representing 20 (LSB) through 29 (MSB).
11
DRDY
Output flag signifying new data is available. Goes high at end of clock period 13, goes low when new
conversion started. Also reset asynchronously by DRST.
12
VSS
Digital Ground.
13
DRST
Active low input, resets DRDY.
14
OEM
Active low input, three-state enable of D2 - D9.
15
OEL
Active low input, three-state enable of D0, D1.
16
VAA-
Analog Ground.
17
VAA+
Analog + Supply.
18
VREF-
Reference input voltage, sets 0 code (-) end of input range.
19
STRT
Active Low Start Conversion Input. Recognized after end of clock period 13.
20
CLK
Clock input or output. Conversion functions are synchronous to high-going edge.
21
REXT
Clock adjust input when using internal clock.
22
VREF+
Reference input voltage, set 1023 code (+) end of input range.
23
VlN
Analog Input.
24
VDD
Digital + Supply.
TABLE 2. OUTPUT CODES
CODE
DESCRIPTION
INPUT
VOLTAGE (NOTE 1)
(V)
BINARY OUTPUT CODE
DECIMAL
COUNT
MSB
LSB
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Zero
0.000
0000000000
0
1 LSB
0.0045
0000000001
1
1/
4 (VREF+ - VREF -)
1.152
0100000000
256
1/
2 (VREF+ - VREF -)
2.304
1000000000
512
3/
4 (VREF+ - VREF -)
3.456
1100000000
768
(VREF+ - VREF-) - 1 LSB
4.6035
1111111111
1023
NOTE:
1. The voltages listed above are the ideal centers of each output code shown as a function of its associated reference voltage.
Typical Performances Curves (Continued)
CLOCK FREQUENCY (MHz)
8
6
4
2
0
0.5
0
1.0
1.5
2.0
2.5
3.0
VDD = VAA = VREF = 3 - 6V
LOAD = 50pF/OUTPUT
CONTINUOUS CONVERSIONS
3.5
10
12
6V
5V
3V
4V
TEMPERATURE (oC)
6
5
4
3
2
1
0
25
85
125
VDD = 3-6V
AND REXT = OPEN OR SHORTED.
CLOCK = INTERNAL, FREE RUNNING
VDD = VAA+
VDD = 6V, REXT = SHORT
VDD = 6V, REXT = OPEN
5V, SHORT
5V, OPEN
4V, OPEN
4V, SHORT
3V, SHORT
-40
0
7
8
3V, OPEN
-50
LSB
V
REF+
V
REF-
()
1024
----------------------------------------------
=
V
REF+
V
REF-
()
4.608V
=
CA3310, CA3310A


同様の部品番号 - CA3310

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

同様の説明 - CA3310

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com