データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3304AE データシート(PDF) 11 Page - Intersil Corporation

部品番号 CA3304AE
部品情報  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AE データシート(HTML) 11 Page - Intersil Corporation

Back Button CA3304AE Datasheet HTML 3Page - Intersil Corporation CA3304AE Datasheet HTML 4Page - Intersil Corporation CA3304AE Datasheet HTML 5Page - Intersil Corporation CA3304AE Datasheet HTML 6Page - Intersil Corporation CA3304AE Datasheet HTML 7Page - Intersil Corporation CA3304AE Datasheet HTML 8Page - Intersil Corporation CA3304AE Datasheet HTML 9Page - Intersil Corporation CA3304AE Datasheet HTML 10Page - Intersil Corporation CA3304AE Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
4-17
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Effective Number of Bits (ENOB)
The effective number of bits (ENOB) is derived from the
SINAD data. ENOB is calculated from:
ENOB = (SINAD - 1.76 + VCORR)/6.02,
where:
VCORR = 0.5dB.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first 5 harmonic
components to the RMS value of the measured input signal.
Operating and Handling Considerations
HANDLING
All inputs and outputs of CMOS devices have a network for
electrostatic protection during handling. Recommended han-
dling
practices
for
CMOS
devices
are
described
in
lCAN-6525. “Guide to Better Handling and Operation of
CMOS Integrated Circuits.”
OPERATING
Operating Voltage
During operation near the maximum supply voltage limit, care
should be taken to avoid or suppress power supply turn-on
and turn-off transients, power supply ripple, or ground noise;
any of these conditions must not cause the power supply
voltages to exceed the absolute maximum rating.
Input Signals
To prevent damage to the input protection circuit, input signals
should never be greater than VDD or VAA+ nor less than VSS
or VAA- (depending upon which supply the protection network
is referenced. See Maximum Ratings.). Input currents must
not exceed 20mA even when the power supply is off.
Unused Inputs
A connection must be provided at every input terminal. All
unused input terminals must be connected to either VDD or
VSS, whichever is appropriate.
Output Short Circuits
Shorting of outputs to any supply potential may damage
CMOS devices by exceeding the maximum device dissipation.
FIGURE 13. TYPICAL CA3304 5-BIT CONFIGURATION
FIGURE 14. IDEAL TRANSFER CURVE
VAA+
VREF+
VIN
VREF-
VAA-
DC
CE2
CLK
CE1
VSS
OF
B4
B3
B2
B1
NC
NC
NC
+5V
CA3304
CA3304
ADJUST
CENTER
+5V
1K
BUFFER
INPUT
+FULL
+5V
CLOCK
B5 MSB
B4
B3
B2
B1
CLK
VDD
VAA+
VDD
VREF+
VIN
VREF-
VAA-
VSS
DC
CE2
CE1
OF
B4
B3
B2
B1
INPUT
SCALE
REF.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OVERFLOW
INPUT VOLTAGE
V0 V1 V2 V3 V4 V5 V6 V7 V8 V9 V10 V11V12V13V14V15V16
CA3304, CA3304A


同様の部品番号 - CA3304AE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3304AE INTERSIL-CA3304AE Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

同様の説明 - CA3304AE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com