データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3306C データシート(PDF) 8 Page - Intersil Corporation

部品番号 CA3306C
部品情報  6-Bit, 15 MSPS, Flash A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306C データシート(HTML) 8 Page - Intersil Corporation

Back Button CA3306C Datasheet HTML 4Page - Intersil Corporation CA3306C Datasheet HTML 5Page - Intersil Corporation CA3306C Datasheet HTML 6Page - Intersil Corporation CA3306C Datasheet HTML 7Page - Intersil Corporation CA3306C Datasheet HTML 8Page - Intersil Corporation CA3306C Datasheet HTML 9Page - Intersil Corporation CA3306C Datasheet HTML 10Page - Intersil Corporation CA3306C Datasheet HTML 11Page - Intersil Corporation CA3306C Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
4-15
FIGURE 16. ENOB vs INPUT FREQUENCY
Typical Performance Curves (Continued)
5.00
4.50
fI (MHz)
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
3.00
6.00
5.70
5.40
5.10
4.80
4.50
4.20
3.90
3.60
3.30
fS = 15MHz
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
DIP
SOIC
1
1
B6
Bit 6, Output (MSB).
2
2
OF
Overflow, Output.
3
3, 4
VSS
Digital Ground.
4
5
VZ
Zener Reference Output.
5
6
CE2
Three-State Output Enable Input, Active Low. See Table 1.
67
CE1
Three-State Output Enable Input, Active High. See Table 1.
7
8
CLK
Clock Input.
8
9
Phase
Sample clock phase control input. When PHASE is low, “Sample Unknown” occurs
when the clock is low and “Auto Balance” occurs when the clock is high (see text).
910
VREF+
Reference Voltage Positive Input.
10
11
VREF-
Reference Voltage Negative Input.
11
12
VIN
Analog Signal Input.
12
13, 14
VDD
Power Supply, +5V.
13
15
B1
Bit 1, Output (LSB).
14
16
B2
Bit 2, Output.
15
17
B3
Bit 3, Output.
16
18
REF(CTR)
Reference Ladder Midpoint.
17
19
B4
Bit 4, Output.
18
20
B5
Bit 5, Output.
CA3306, CA3306A, CA3306C


同様の部品番号 - CA3306C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3306C INTERSIL-CA3306C Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306CD INTERSIL-CA3306CD Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306CE INTERSIL-CA3306CE Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306CM INTERSIL-CA3306CM Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
More results

同様の説明 - CA3306C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
   8-Bit, 15 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com