データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3310A データシート(PDF) 6 Page - Intersil Corporation

部品番号 CA3310A
部品情報  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310A データシート(HTML) 6 Page - Intersil Corporation

Back Button CA3310A Datasheet HTML 2Page - Intersil Corporation CA3310A Datasheet HTML 3Page - Intersil Corporation CA3310A Datasheet HTML 4Page - Intersil Corporation CA3310A Datasheet HTML 5Page - Intersil Corporation CA3310A Datasheet HTML 6Page - Intersil Corporation CA3310A Datasheet HTML 7Page - Intersil Corporation CA3310A Datasheet HTML 8Page - Intersil Corporation CA3310A Datasheet HTML 9Page - Intersil Corporation CA3310A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6-11
Timing Diagrams
FIGURE 1. FREE RUNNING, STRT TIED LOW, DRST TIED HIGH
FIGURE 2. OUTPUT ENABLE/DISABLE TIMING DIAGRAM
FIGURE 3. STRT PULSED LOW, DRST TIED HIGH, INTERNAL CLOCK
12
3
4
5 - 12
13
1
23
tD1 DRDY
CLK
DRDY
D0 - D9
INPUT
tD DATA
DATA N - 1
TRACK N
HOLD
tD APR
DATA N
TRACK N + 1
tLOW
tHIGH
tD2 DRDY
OEL OR OEM
D0 - D1 OR
tDIS
tEN
50%
50%
10%
90%
OFF TO LOW
TO OUTPUT PIN
OFF TO HIGH
D2- D9
ZL = 50pF TO GND
1k
Ω TO VDD
ZL = 50pF TO GND
1k
Ω TO GND
CLK
(INTERNAL)
13
1
2
345
tR STRT
STRT
DRDY
INPUT
HOLD
TRACK
HOLD
tD3 DRDY
tW STRT
tD CLK
DON’T CARE
CA3310, CA3310A


同様の部品番号 - CA3310A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

同様の説明 - CA3310A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com