データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA723 データシート(PDF) 5 Page - Intersil Corporation

部品番号 CA723
部品情報  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA723 データシート(HTML) 5 Page - Intersil Corporation

  CA723 Datasheet HTML 1Page - Intersil Corporation CA723 Datasheet HTML 2Page - Intersil Corporation CA723 Datasheet HTML 3Page - Intersil Corporation CA723 Datasheet HTML 4Page - Intersil Corporation CA723 Datasheet HTML 5Page - Intersil Corporation CA723 Datasheet HTML 6Page - Intersil Corporation CA723 Datasheet HTML 7Page - Intersil Corporation CA723 Datasheet HTML 8Page - Intersil Corporation CA723 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3-7
FIGURE 6.
CURRENT LIMITING CHARACTERISTICS
FIGURE 7. QUIESCENT CURRENT vs INPUT VOLTAGE
FIGURE 8. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 9. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE FOR CA723CE
FIGURE 10. LOAD REGULATION WITHOUT CURRENT
LIMITING
FIGURE 11. LOAD REGULATION WITH CURRENT LIMITING
Typical Performance Curves (CA723) (Continued)
OUTPUT CURRENT (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
0
OUTPUT VOLTAGE (VO) = REFERENCE
LOAD CIRCUIT (IL)= 0
VOLTAGE (VREF)
INPUT VOLTAGE (V)
5
4
3
2
1
0
010
20
30
40
AMBIENT TEMPERATURE (TA) = -55
oC
25oC
125oC
MAX. JUNCTION TEMP. (TJ) = 150
oC
QUIESCENT DISSIPATION (PQ) = 60mW
TO-5 STYLE PACKAGE WITH NO HEAT SINK
THERMAL RESISTANCE = 150oC/W
AMBIENT TEMPERATURE (TA) = 25
oC
70oC
150
100
50
0
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
150
100
50
0
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
70oC
AMBIENT TEMPERATURE (TA) = 25
oC
MAX. JUNCTION TEMP. (TJ) = 125
oC
QUIESCENT DISSIPATION (PQ) = 60mW
DUAL - IN - LINE PLASTIC PACKAGE
THERMAL RESISTANCE = 125oC/W
WITH NO HEAT SINK
AMBIENT TEMPERATURE (TA) = 25
oC
70oC
0oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0
-0.1
-0.2
0
20
40
60
80
100
OUTPUT CURRENT (mA)
AMBIENT TEMPERATURE (TA) = 25
oC
70oC
0oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 10Ω
INPUT VOLTAGE (VI) = 12V
0
-0.1
-0.2
OUTPUT CURRENT (mA)
010
20
30
CA723, CA723C


同様の部品番号 - CA723

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723C HARRIS-CA723C Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723CE HARRIS-CA723CE Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Harris Corporation
CA723CT HARRIS-CA723CT Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
More results

同様の説明 - CA723

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com