データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA723C データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA723C
部品情報  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA723C データシート(HTML) 4 Page - Intersil Corporation

  CA723C Datasheet HTML 1Page - Intersil Corporation CA723C Datasheet HTML 2Page - Intersil Corporation CA723C Datasheet HTML 3Page - Intersil Corporation CA723C Datasheet HTML 4Page - Intersil Corporation CA723C Datasheet HTML 5Page - Intersil Corporation CA723C Datasheet HTML 6Page - Intersil Corporation CA723C Datasheet HTML 7Page - Intersil Corporation CA723C Datasheet HTML 8Page - Intersil Corporation CA723C Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3-6
Equivalent Noise RMS Output Voltage, VN
(Note 3)
BW = 100Hz to 10kHz,
CREF = 0
-
-20
-
-
20
-
µV
BW = 100Hz to 10kHz,
CREF = 5µF
-
2.5
-
-
2.5
-
µV
NOTES:
2. Line and load regulation specifications are given for condition of a constant chip temperature. For high dissipation condition, temperature drifts
must be separately taken into account.
3. For CREF (See Figure 20)
DC Electrical Specifications
TA = 25
oC, V+ = V
C = VI = 12V, V- = 0, VO = 5V, IL = 1mA, C1 = 100pF, CREF = 0, RSCP = 0,
Unless Otherwise Specified. Divider impedance R1 R2 ÷ R1 + R2 at noninverting input,
Terminal 5 = 10k
Ω. (Figure 20) (Continued)
PARAMETER
TEST CONDITION
CA723
CA723C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Typical Performance Curves (CA723)
FIGURE 2. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 3. LOAD REGULATION WITHOUT CURRENT LIMITING
FIGURE 4. LOAD REGULATION WITH CURRENT LIMITING
FIGURE 5. LOAD REGULATION WITH CURRENT LIMITING
MAX JUNCTION TEMP (TJ) = 150
oC
THERMAL RESISTANCE = 150oC/W
QUIESCENT DISSIPATION (PQ) = 60mW
(NO HEAT SINK)
150
100
50
0
AMBIENT TEMPERATURE (TA) = 25
oC
125oC
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0.05
0
-0.05
-0.1
-0.15
-0.2
AMBIENT TEMPERATURE
-55oC
125oC
0
20
40
60
80
100
OUTPUT CURRENT (mA)
(TA) = 25
oC
-55oC
125oC
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
OUTPUT CURRENT (mA)
0
5
10
15
20
25
30
AMBIENT TEMP (TA) = 25
oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 10Ω
INPUT VOLTAGE (VI) = 12V
OUTPUT CURRENT (mA)
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0.1
0
-0.1
0.2
-0.3
-0.4
0
20
40
60
80
100
AMBIENT TEMPERATURE (TA) = -55
oC
25oC
125oC
CA723, CA723C


同様の部品番号 - CA723C

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA723C HARRIS-CA723C Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723CE HARRIS-CA723CE Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Harris Corporation
CA723CT HARRIS-CA723CT Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
More results

同様の説明 - CA723C

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com