データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22101E データシート(PDF) 11 Page - Harris Corporation

部品番号 CD22101E
部品情報  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101E データシート(HTML) 11 Page - Harris Corporation

Back Button CD22101E Datasheet HTML 5Page - Harris Corporation CD22101E Datasheet HTML 6Page - Harris Corporation CD22101E Datasheet HTML 7Page - Harris Corporation CD22101E Datasheet HTML 8Page - Harris Corporation CD22101E Datasheet HTML 9Page - Harris Corporation CD22101E Datasheet HTML 10Page - Harris Corporation CD22101E Datasheet HTML 11Page - Harris Corporation CD22101E Datasheet HTML 12Page - Harris Corporation CD22101E Datasheet HTML 13Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
4-203
CD22101, CD22102
FIGURE 9. ADDRESS TO STROBE SETUP AND HOLD TIMES
FIGURE 10. STROBE TO DATA-IN HOLD TIME tH, FOR CD22101
FIGURE 11. TEST CIRCUIT AND WAVEFORMS FOR CROSSTALK (CONTROL INPUT TO SIGNAL OUTPUT)
FIGURE 12. TEST CIRCUIT AND TYPICAL CROSSTALK AS A FUNCTION OF FREQUENCY BETWEEN SWITCH CIRCUITS IN THE
SAME PACKAGE
Test Circuits and Waveforms (Continued)
STROBE
DATA
tSU
tH
ADDRESS
OUTPUT OF SWITCH
ADDRESSED
IF SETUP AND HOLD TIMES PROVIDED ARE TOO SHORT,
AN UNADDRESSED SWITCH MAY BE TURNED ON OR OFF
SIMULTANEOUSLY WITH THE ADDRESSED SWITCH
50%
50%
DATA-IN
tHLH
tHHL
tHLH
STROBE
1
µs
Y2
SET ALL SWITCHES TO OFF INITIALLY APPLY VDD
TO ALL X INPUTS AND RETURN ALL Y OUTPUTS TO
VSS THROUGH 1k
Ω. ADDRESS X1Y2 (ABCD) WITH f
IN = 10kHz
1
µs1µs
50%
50%
CONTROLS
10k
SW
0
0
VDD
VOS
CONTROL
75mV
1k
Y (N)
X (N)
SW = ANY CROSSPOINT
5
µs
ON
600
SW
600
VIS
SW = ANY CROSSPOINT
OFF
600
SW
600
VOS
TA = 25
oC
RS = 600Ω
VIS = 1VRMS
RL = 600Ω
INPUT SIGNAL FREQUENCY (Hz)
0
-20
-40
-60
-80
-100
-120
102
103
104
105
106
107
VDD = 5V
15V
10V
-140


同様の部品番号 - CD22101E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

同様の説明 - CD22101E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com