データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22402D データシート(PDF) 4 Page - Harris Corporation

部品番号 CD22402D
部品情報  Sync Generator for TV Applications and Video Processing Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22402D データシート(HTML) 4 Page - Harris Corporation

  CD22402D Datasheet HTML 1Page - Harris Corporation CD22402D Datasheet HTML 2Page - Harris Corporation CD22402D Datasheet HTML 3Page - Harris Corporation CD22402D Datasheet HTML 4Page - Harris Corporation CD22402D Datasheet HTML 5Page - Harris Corporation CD22402D Datasheet HTML 6Page - Harris Corporation CD22402D Datasheet HTML 7Page - Harris Corporation CD22402D Datasheet HTML 8Page - Harris Corporation CD22402D Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8-43
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (Referenced to VSS Terminal) . . . . . . . . . . . 15V
Input Voltage Range, All Inputs (Notes 2, 3) . . . . . . VSS ≤ VI ≤ VDD
DC Input Current, Any One Input (Note 2) . . . . . . . . . . . . . .
±10mA
Operating Conditions
Temperature Range
CD22402D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CD22402E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
50
10
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
Maximum Junction Temperature (SBDIP Package) . . . . . . . . 175oC
Maximum Junction Temperature (PDIP Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. To prevent damage to the input protection circuit, input signals should never be greater than VDD nor less than VSS. Input currents must
not exceed 10mA even when the power is off.
3. A connection must be provided at every input terminal. All unused inputs must be connected to VDD or VSS, whichever is appropriate.
Electrical Specifications
Values at -55oC, 25oC, 125oC Apply to D Package
Values at -40oC, 25oC, 85oC Apply to E Package
PARAMETER
SYMBOL
TEST
CONDITIONS
-55oC
-40oC85oC
125oC
25oC
UNITS
VO
(V)
VDD
(V)
MIN
TYP
MAX
DC ELECTRICAL SPECIFICATIONS
Quiescent Device Current
IDD (Max)
-
5
----
0.5
0.75
1
mA
-
10
----
1.5
2
2.5
mA
-
15
----
3
4
5
mA
Output Low (Sink) Current
IOL (Min)
0.5
5
100
96
66
56
80
160
-
µA
5
5
1200
1155
787
672
960
1920
-
µA
0.5
10
248
239
164
140
200
400
-
µA
10
10
3000
2868
1968
1680
2400
4800
-
µA
Output High (Source) Cur-
rent
IOH (Min)
4.5
5
-100
-96
-66
-56
-80
-160
-
µA
0
5
-1200
-1155
-787
-672
-960
-1920
-
µA
9.5
10
-248
-239
-164
-140
-200
-400
-
µA
0
10
-3000
-2868
-1968
-1680
-2400
-4800
-
µA
Output Voltage Low Level
VOL (Max)
-
5
0.15
0.15
0.15
0.15
-
-
0.15
V
-
10
0.15
0.15
0.15
0.15
-
-
0.15
V
Output Voltage High Level
VOH (Min)
-
5
4.85
4.85
4.85
4.85
4.85
-
-
V
-
10
9.85
9.85
9.85
9.85
9.85
-
-
V
Input Low Voltage
VIL (Max)
0.5, 4.5
5
1.5
1.5
1.4
1.4
-
2.25
1.5
V
1, 9
10
3
3
2.9
2.9
-
4.5
3
V
Input High Voltage
VIH (Min)
0.5, 4.5
5
3.6
3.6
3.5
3.5
3.5
2.25
-
V
1, 9
10
7.1
7.1
7
7
7
4.5
-
V
Input Current
IIN (Max)
-
-
----
-
10
-
pA
Refer to the CD4000B Series data book 250.5 for general operating and application considerations.
CD22402


同様の部品番号 - CD22402D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CD22402 ETC2-CD22402 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CD22402D

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
National Semiconductor ...
MM5321 NSC-MM5321 Datasheet
307Kb / 6P
   TV camera sync generator
logo
List of Unclassifed Man...
MM5321 ETC-MM5321 Datasheet
434Kb / 4P
   TV CAMERA SYNC GENERATOR
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com