データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4008 データシート(PDF) 7 Page - Intersil Corporation

部品番号 CD4008
部品情報  CMOS 4-Bit Full Adder With Parallel Carry Out
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4008 データシート(HTML) 7 Page - Intersil Corporation

  CD4008 Datasheet HTML 1Page - Intersil Corporation CD4008 Datasheet HTML 2Page - Intersil Corporation CD4008 Datasheet HTML 3Page - Intersil Corporation CD4008 Datasheet HTML 4Page - Intersil Corporation CD4008 Datasheet HTML 5Page - Intersil Corporation CD4008 Datasheet HTML 6Page - Intersil Corporation CD4008 Datasheet HTML 7Page - Intersil Corporation CD4008 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-681
CD4008BMS
Typical Performance Characteristics
FIGURE 2. TYPICAL SUM-IN TO SUM-OUT PROPAGATION
DELAY TIME vs LOAD CAPACITANCE
FIGURE 3. TYPICAL CARRY-IN TO CARRY-OUT PROPAGA-
TION DELAY TIME vs LOAD CAPACITANCE
FIGURE 4. TYPICAL CARRY-IN TO SUM-OUT PROPAGATION
DELAY TIME vs LOAD CAPACITANCE
FIGURE 5. TYPICAL SUM-IN TO CARRY-OUT PROPAGATION
DELAY TIME vs LOAD CAPACITANCE
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
100
200
300
400
500
0
20
40
60
80
100
120
140
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
0
20
40
60
80
100
120
140
LOAD CAPACITANCE (CL) (pF)
25
50
75
100
125
150
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
100
200
300
400
500
0
20
40
60
80
100
120
140
LOAD CAPACITANCE (CL) (pF)
600
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
SUPPLY VOLTAGE (VDD) = 5V
0
20
40
60
80
100
120
140
LOAD CAPACITANCE (CL) (pF)
50
100
150
200
250
300
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V


同様の部品番号 - CD4008

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4008BC NSC-CD4008BC Datasheet
124Kb / 6P
   4-Bit Full Adder
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
More results

同様の説明 - CD4008

メーカー部品番号データシート部品情報
logo
STMicroelectronics
HCC4008B STMICROELECTRONICS-HCC4008B Datasheet
292Kb / 13P
   4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
   4-bit full adder with fast carry
1998 Mar 31
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com