データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4009 データシート(PDF) 3 Page - Intersil Corporation

部品番号 CD4009
部品情報  CMOS Hex Buffers/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4009 データシート(HTML) 3 Page - Intersil Corporation

  CD4009 Datasheet HTML 1Page - Intersil Corporation CD4009 Datasheet HTML 2Page - Intersil Corporation CD4009 Datasheet HTML 3Page - Intersil Corporation CD4009 Datasheet HTML 4Page - Intersil Corporation CD4009 Datasheet HTML 5Page - Intersil Corporation CD4009 Datasheet HTML 6Page - Intersil Corporation CD4009 Datasheet HTML 7Page - Intersil Corporation CD4009 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1, 2)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL
VDD = 5V, VIN = VDD or GND
9
+25oC
-
60
ns
10, 11
+125oC, -55oC
-
81
ns
Propagation Delay
TPLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
140
ns
10, 11
+125oC, -55oC
-
189
ns
Transition Time
TTHL
VDD = 5V, VIN = VDD or GND
9
+25oC
-
70
ns
10, 11
+125oC, -55oC
-
95
ns
Transition Time
TTLH
VDD = 5V, VIN = VDD or GND
9
+25oC
-
350
ns
10, 11
+125oC, -55oC
-
473
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
1
µA
+125oC-
30
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC-
60
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC
-
120
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC, -
55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC, -
55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC, -
55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC, -
55oC
9.95
-
V
Output Current (Sink)
IOL4
VDD = 4.5V, VOUT = 0.4V
1, 2
+25oC
2.6
-
mA
+125oC
1.8
-
mA
-55oC
3.2
-
mA
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
2.1
-
mA
-55oC
3.75
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
5.6
-
mA
-55oC
10.0
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC
16.0
-
mA
-55oC
30.0
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.15
mA
-55oC
-
-0.25
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-0.58
mA
-55oC
-
-1.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.33
mA
-55oC
-
-0.55
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-1.1
mA
-55oC
-
-1.65
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
-2
V
CD4009UBMS


同様の部品番号 - CD4009

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4009 TI-CD4009 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
List of Unclassifed Man...
CD4009 ETC2-CD4009 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
National Semiconductor ...
CD4009C NSC-CD4009C Datasheet
87Kb / 3P
   Hex Buffers
CD4009C NSC-CD4009C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results

同様の説明 - CD4009

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4049UB TI-CD4049UB Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com