データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40105 データシート(PDF) 5 Page - Intersil Corporation

部品番号 CD40105
部品情報  CMOS FIFO Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40105 データシート(HTML) 5 Page - Intersil Corporation

  CD40105 Datasheet HTML 1Page - Intersil Corporation CD40105 Datasheet HTML 2Page - Intersil Corporation CD40105 Datasheet HTML 3Page - Intersil Corporation CD40105 Datasheet HTML 4Page - Intersil Corporation CD40105 Datasheet HTML 5Page - Intersil Corporation CD40105 Datasheet HTML 6Page - Intersil Corporation CD40105 Datasheet HTML 7Page - Intersil Corporation CD40105 Datasheet HTML 8Page - Intersil Corporation CD40105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
7-1321
Specifications CD40105BMS
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
0.36
-
mA
-55oC
0.64
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
0.9
-
mA
-55oC
1.6
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC
2.4
-
mA
-55oC
4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.36
mA
-55oC
-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.15
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-1.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
7-
V
Propagation Delay
Shift or Reset to Data Out
Ready
TPHL1
VDD = 10V
1, 2, 3
+25oC
-
180
ns
VDD = 15V
1, 2, 3
+25oC
-
130
ns
Propagation Delay Ripple
through Delay Input to
Output
TPLH3
VDD = 10V
1, 2, 3
+25oC-
2
µs
VDD = 15V
1, 2, 3
+25oC
-
1.4
µs
Propagation Delay
Shift-In to Data-In Ready
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
130
ns
VDD = 15V
1, 2, 3
+25oC
-
90
ns
Propagation Delay
Shift Out to QN Out
TPHL4
TPLH4
VDD = 5V
1, 2, 3
+25oC
-
420
ns
VDD = 10V
1, 2, 3
+25oC
-
380
ns
VDD = 15V
1, 2, 3
+25oC
-
250
ns
Propagation Delay
3-State Control to Data
Out
TPZH
TPZL
VDD = 10V
1, 2, 4
+25oC
-
120
ns
VDD = 15V
1, 2, 4
+25oC
-
80
ns
Propagation Delay
3-State Control to Data
Out
TTHZ
TPLZ
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Shift-In or
Shift-Out Rate
FCL
VDD = 10V
1, 2
+25oC
3
-
MHz
VDD = 15V
1, 2
+25oC
4
-
MHz
Maximum Shift-In or
Shift-Out Rise Time
TR
VDD = 5V
3
+25oC-
15
µs
VDD = 10V
3
+25oC-
15
µs
VDD = 15V
3
+25oC-
15
µs
Maximum Shift-In Fall
Time
TF
VDD = 5V
3
+25oC-
15
µs
VDD = 10V
3
+25oC-
15
µs
VDD = 15V
3
+25oC-
15
µs
Maximum Shift-Out Fall
Time
TF
VDD = 5V
3
+25oC-
15
µs
VDD = 10V
3
+25oC-
5
µs
VDD = 15V
3
+25oC-
5
µs
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


同様の部品番号 - CD40105

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD401056B TI1-CD401056B Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI1-CD40105B Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105B-MIL TI1-CD40105B-MIL Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
More results

同様の説明 - CD40105

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
logo
Renesas Technology Corp
CD40105BMS RENESAS-CD40105BMS Datasheet
417Kb / 10P
   CMOS FIFO Register
December 1992
logo
STMicroelectronics
HCC40105B STMICROELECTRONICS-HCC40105B Datasheet
260Kb / 12P
   FIFO REGISTER
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com