データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40107 データシート(PDF) 4 Page - Intersil Corporation

部品番号 CD40107
部品情報  CMOS Dual 2 Input NAND Buffer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40107 データシート(HTML) 4 Page - Intersil Corporation

  CD40107 Datasheet HTML 1Page - Intersil Corporation CD40107 Datasheet HTML 2Page - Intersil Corporation CD40107 Datasheet HTML 3Page - Intersil Corporation CD40107 Datasheet HTML 4Page - Intersil Corporation CD40107 Datasheet HTML 5Page - Intersil Corporation CD40107 Datasheet HTML 6Page - Intersil Corporation CD40107 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7-21
Specifications CD40107BMS
Propagation Delay
TPHL
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Propagation Delay
TPLH
VDD = 10V
1, 2, 3
+25oC
-
120
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Transition Time
TTHL
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
20
ns
Transition Time
TTLH
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on
initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 120
Ω, pull up resistor to VDD, Input TR, TF < 20ns.
4. Measured with external pull-up resistor RL = 10K to VDD
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC
-
7.5
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1, 5
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES:
1. All voltages referenced to device GND.
2. CL = 50pF, RL = 120
Ω, pull up resistor to VDD, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
5. Measured with external pull-up resistor RL = 10K to VDD
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-1
IDD
± 0.2µA
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


同様の部品番号 - CD40107

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD40107 TI-CD40107 Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107B TI-CD40107B Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107B-MIL TI-CD40107B-MIL Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BE TI-CD40107BE Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BEE4 TI-CD40107BEE4 Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
More results

同様の説明 - CD40107

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com