データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40160BMS データシート(PDF) 1 Page - Intersil Corporation

部品番号 CD40160BMS
部品情報  CMOS Synchronous Programmable 4-Bit Counters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40160BMS データシート(HTML) 1 Page - Intersil Corporation

  CD40160BMS Datasheet HTML 1Page - Intersil Corporation CD40160BMS Datasheet HTML 2Page - Intersil Corporation CD40160BMS Datasheet HTML 3Page - Intersil Corporation CD40160BMS Datasheet HTML 4Page - Intersil Corporation CD40160BMS Datasheet HTML 5Page - Intersil Corporation CD40160BMS Datasheet HTML 6Page - Intersil Corporation CD40160BMS Datasheet HTML 7Page - Intersil Corporation CD40160BMS Datasheet HTML 8Page - Intersil Corporation CD40160BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4-1
CD40160BMS, CD40161BMS, CD40162BMS,
CD40163BMS
CMOS Synchronous Programmable 4-Bit
Counters
CD40160BMS,
CD40161BMS,
CD40162BMS
and
CD40163BMS
are
4-bit
synchronous
programmable
counters. The CLEAR function of the CD40162BMS and
CD40163BMS is synchronous and a low level at the CLEAR
input sets all four outputs low on the next positive CLOCK
edge. The CLEAR function of the CD40160BMS and
CD40161BMS is asychronous and a low level at the CLEAR
input sets all four outputs low regardless of the state of the
CLOCK, LOAD, or ENABLE inputs. A low level at the LOAD
input disables the counter and causes the output to agree
with the setup data after the next CLOCK pulse regardless of
the conditions of the ENABLE inputs.
The carry look-ahead circuitry provides for cascading counters
for n-bit synchronous applications without additional gating.
Instrumental in accomplishing this function are two count-enable
inputs and a carry output (COUT). Counting is enabled when
both PE and TE inputs are high. The TE input is fed forward to
enable COUT. This enabled output produces a positive output
pulses with a duration approximately equal to the positive portion
of the Q1 output. This positive overflow carry pulse can be used
to enable successive cascaded stages. Logic transitions at the
PE or TE inputs may occur when the clock is either high or low.
The CD40160BMS through CD40163BMS types are functionally
equivalent to and pin-compatible with the TTL counter series
74LS160 through 74LS163 respectively.
The
CD40160BMS,
CD40161BMS,
CD40162BMS
and
CD40163BMS are supplied in these 16 lead outline packages:
Features
• High-Voltage Types (20V Rating)
• CD40160BMS Decade with Asynchronous Clear
• CD40161BMS Binary with Asynchronous Clear
• CD40162BMS Decade with Synchronous Clear
• CD40163BMS Binary with Synchronous Clear
• Internal Look-Ahead for Fast Counting
• Carry Output for Cascading
• Synchronously Programmable
• Clear Asynchronous Input (CD40160BMS, CD40161BMS)
• Clear Synchronous Input (CD40162BMS, CD40163BMS)
• Synchronous Load Control Input
• Low Power TTL Compatibility
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Package
Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard No. 13B,
“Standard Specifications for Description of ‘B’ Series CMOS
Devices”
Applications
• Programmable Binary and Decade Counting
• Counter Control/Timers
• Frequency Dividing
Pinout
CD40160BMS, CD40161BMS, CD40162BMS, CD40163BMS
TOP VIEW
Functional Diagram
CD40160 CD40161 CD40162 CD40163
Braze Seal DIP
H4W
H4X
H4X
H4W
Frit Seal DIP
H1F
H1F
H1L
H1F
Ceramic Flatpack
H6P
H6W
H6P
H6W
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLEAR
CLOCK
P1
P2
P3
P4
VSS
PE
VDD
Q1
Q2
Q3
Q4
TE
LOAD
CARRY OUT
7
6
10
1
9
2
3
4
5
LOAD
CLOCK
P1
P2
P3
P4
VSS = 8
TE
CLEAR
PE
Q1
Q2
Q3
Q4
CARRY
OUT
14
13
12
11
15
VDD = 16
December 1992
File Number
3358
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


同様の部品番号 - CD40160BMS

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD40160BM NSC-CD40160BM Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
CD40160BMJ NSC-CD40160BMJ Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
CD40160BMN NSC-CD40160BMN Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

同様の説明 - CD40160BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com