データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4019BMS データシート(PDF) 9 Page - Intersil Corporation

部品番号 CD4019BMS
部品情報  CMOS Quad AND/OR Select Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4019BMS データシート(HTML) 9 Page - Intersil Corporation

  CD4019BMS Datasheet HTML 1Page - Intersil Corporation CD4019BMS Datasheet HTML 2Page - Intersil Corporation CD4019BMS Datasheet HTML 3Page - Intersil Corporation CD4019BMS Datasheet HTML 4Page - Intersil Corporation CD4019BMS Datasheet HTML 5Page - Intersil Corporation CD4019BMS Datasheet HTML 6Page - Intersil Corporation CD4019BMS Datasheet HTML 7Page - Intersil Corporation CD4019BMS Datasheet HTML 8Page - Intersil Corporation CD4019BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7-315
CD4019BMS
Typical Applications (Continued)
Chip Dimensions and Pad Layout
FIGURE 12. AND/OR EXCLUSIVE-OR SELECTOR
TRUTH TABLE
K (
• )
K (
⊕ )
OUT
00
0
10
A
• B
01
A
⊕ B
1
1
A + B
A1
⊕ B1
A1
• B1 A2 ⊕ B2
A2
• B2 A3 ⊕ B3
A3
•B3 A4 ⊕ B4
A4
• B4
CD4001B OR
EQUIV
CD4001B
OR EQUIV
CD4001B
OR EQUIV
CD4001B
OR EQUIV
A1
B1
A2
B2
A3
B3
A4
B4
CD4001B OR
EQUIV
CD4019B
OUT1
OUT2
OUT3
OUT4
K (
•)
K (
⊕)
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


同様の部品番号 - CD4019BMS

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
Texas Instruments
CD4019BM TI-CD4019BM Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM TI1-CD4019BM Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BM96 TI-CD4019BM96 Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM96 TI1-CD4019BM96 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results

同様の説明 - CD4019BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com