データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4024BMS データシート(PDF) 9 Page - Intersil Corporation

部品番号 CD4024BMS
部品情報  CMOS Ripple-Carry Binary Counter/Dividers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4024BMS データシート(HTML) 9 Page - Intersil Corporation

Back Button CD4024BMS Datasheet HTML 2Page - Intersil Corporation CD4024BMS Datasheet HTML 3Page - Intersil Corporation CD4024BMS Datasheet HTML 4Page - Intersil Corporation CD4024BMS Datasheet HTML 5Page - Intersil Corporation CD4024BMS Datasheet HTML 6Page - Intersil Corporation CD4024BMS Datasheet HTML 7Page - Intersil Corporation CD4024BMS Datasheet HTML 8Page - Intersil Corporation CD4024BMS Datasheet HTML 9Page - Intersil Corporation CD4024BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-367
CD4020BMS, CD4024BMS, CD4040BMS
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT PULSE FREQUENCY FOR
CD4020BMS
FIGURE 11. DETAIL OF TYPICAL FLIP-FLOP STAGES
Chip Dimensions and Pad Layouts
DIMENSIONS AND PAD LAYOUT FOR CD4020BMS. DIMEN-
SIONS AND PAD LAYOUT FOR CD4040BMS ARE IDENTICAL
DIMENSIONS AND PAD LAYOUT FOR CD4024BMSH
Typical Performance Characteristics (Continued)
105
104
103
102
10
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
110
102
103
104
105
8
6
4
28
6
4
28
6
4
28
6
4
28
6
4
2
INPUT PULSE FREQUENCY (f
φ) (kHz)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
5V
10V
10V
CD = 15pF
CL = 50pF
p
n
p
n
p
n
R
R
R
p
n
*
* ON FIRST STAGE ONLY
Q1
Q
Q
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)


同様の部品番号 - CD4024BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4024BM TI-CD4024BM Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
National Semiconductor ...
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD4024BM TI-CD4024BM Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
CD4024BM TI1-CD4024BM Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
More results

同様の説明 - CD4024BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
   12 Stage Ripple-Carry Binary Counter/Dividers
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com