データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4066 データシート(PDF) 9 Page - Intersil Corporation

部品番号 CD4066
部品情報  CMOS 4-Bit Magnitude Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066 データシート(HTML) 9 Page - Intersil Corporation

  CD4066 Datasheet HTML 1Page - Intersil Corporation CD4066 Datasheet HTML 2Page - Intersil Corporation CD4066 Datasheet HTML 3Page - Intersil Corporation CD4066 Datasheet HTML 4Page - Intersil Corporation CD4066 Datasheet HTML 5Page - Intersil Corporation CD4066 Datasheet HTML 6Page - Intersil Corporation CD4066 Datasheet HTML 7Page - Intersil Corporation CD4066 Datasheet HTML 8Page - Intersil Corporation CD4066 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7-974
CD4066BMS
FIGURE 16. TYPICAL ON CHARACTERISTICS FOR 1 OF 4
CHANNELS
FIGURE 17. POWER DISSIPATION PER PACKAGE vs
SWITCHING FREQUENCY
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
Typical Performance Characteristics (Continued)
VC = VDD
VDD
VIS
VOS
RL
VSS
CD4066BMS
1 OF 4
SWITCHES
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
AMBIENT TEMPERATURE (TA) = +25
oC
VDD = 2.5V, VSS = -2.5V
INPUT = TERM 1, OUTPUT = TERM 2
3
2
1
0
-1
-2
-3
-3
-2
-1
0
1
2
3
4
INPUT VOLTAGE (VI) (V)
100
100K
RL = 100K
1K
10K
500
100
500
1K
10K
CD4066/
14
7
VDD
VSS
13
12
6
5
BMS
f
10V
5V
8
6
4
2
SWITCHING FREQUENCY (f) (kHz)
10
102
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
10
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
8
6
4
2
103
Special Considerations
In applications that employ separate power sources to drive
VDD and the signal inputs, the VDD current capability
should exceed VDD/RL (RL = effective external load of the
four CD4066B bilateral switches). This provision avoids any
permanent current flow or clamp action on the VDD supply
when power is applied or removed from the CD4066B.
In certain applications, the external load-resistor current may
include both VDD and signal line components. To avoid
drawing VDD current when switch current flows into termi-
nals 1, 4, 8 or 11 the voltage drop across the bidirectional
switch must not exceed 0.8 volts (calculated from RON val-
ues shown).
No VDD current will flow through RL if the switch current
flows into terminals 2, 3, 9, or 10.
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


同様の部品番号 - CD4066

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Unisonic Technologies
CD4066 UTC-CD4066 Datasheet
255Kb / 8P
   QUAD BILATERAL SWITCH
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
   two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

同様の説明 - CD4066

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI-CD4585B Datasheet
221Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
   CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com