データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8015 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8015
部品情報  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8015 データシート(HTML) 7 Page - Analog Devices

  AD8015_15 Datasheet HTML 1Page - Analog Devices AD8015_15 Datasheet HTML 2Page - Analog Devices AD8015_15 Datasheet HTML 3Page - Analog Devices AD8015_15 Datasheet HTML 4Page - Analog Devices AD8015_15 Datasheet HTML 5Page - Analog Devices AD8015_15 Datasheet HTML 6Page - Analog Devices AD8015_15 Datasheet HTML 7Page - Analog Devices AD8015_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8015
REV. A
–7–
NC = NO CONNECT
1
2
3
4
8
7
6
5
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
VEE
SDOUT
AVCC
PIN
NIN
AVCC
THRADJ
AVEE
AD807
NC
IIN
NC
VBYP
+VS
+OUT
–VS
–OUT
R10
154
R11
154
R6 100
C7
R5 100
R1
100
R2
100
C1
0.1µF
C2
0.1µF
C3
0.1µF
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
C4
0.1µF
C6
0.1µF
R4
100
R8 100
R7 100
R3
100
C8
R12
154
TP1
TP2
DAMPING
CAP,0.22µF
R11
154
C5
0.1µF
CD
TP8
TP7
SDOUT
C1
100pF
C11
TP6
TP5
100
pF
R13
THRADJ
C9
10µF
C10
GND
TP4
R14
50
R15
50
R16
301
R17
3.65k
C13
0.1µF
5V
TP3
AD8015
C15
0.1µF
15pF
10µF
0.1µF
15pF
0.1µF
0.01µF
ABB HAFO
1A227
FC HOUSING
0.8 A/W, 0.7pF
2.5GHz
NOTES
1. ALL CAPS ARE CHIP,
15pF ARE MICA.
2. 150 nH ARE SMT
C14
0.1µF
50
LINE
50
LINE
C12
2.2µF
150nH
150nH
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CLKOUTP
VCC1
CF1
CF2
Figure 16. 155 Mbps Fiber Optic Receiver Schematic
Table I. AD8015, AD807 Fiber Optic Receiver Circuit:
Output Bit Error Rate & Output Jitter vs. Average Input Power
Average Optical
Output Bit
Output Jitter
Input Power (dBm)
Error Rate
(ps rms)
–6.4
Loses Lock
–6.45
1.2
× 10–2
–6.50
7.5
× 10–3
–6.60
9.4
× 10–4
–6.70
1
× 10–14
–7.0 to
1
× 10–14
< 40
–35.50
–36.00
3.0
× 10–12
< 40
–36.50
4.8
× 10–10
–37.00
2.8
× 10–8
–37.50
8.2
× 10–7
–38.00
1.3
× 10–5
–38.50
1.1
× 10–4
–39.00
1.0
× 10–3
–39.1
1.3
× 10–3
–39.20
1.9
× 10–3
–39.25
2.2
× 10–3
–39.30
Loses Lock


同様の部品番号 - AD8015_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8015ACHIPS AD-AD8015ACHIPS Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015AR AD-AD8015AR Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

同様の説明 - AD8015_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com