データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8023 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8023
部品情報  High Current Output, Triple Video Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8023 データシート(HTML) 3 Page - Analog Devices

  AD8023_15 Datasheet HTML 1Page - Analog Devices AD8023_15 Datasheet HTML 2Page - Analog Devices AD8023_15 Datasheet HTML 3Page - Analog Devices AD8023_15 Datasheet HTML 4Page - Analog Devices AD8023_15 Datasheet HTML 5Page - Analog Devices AD8023_15 Datasheet HTML 6Page - Analog Devices AD8023_15 Datasheet HTML 7Page - Analog Devices AD8023_15 Datasheet HTML 8Page - Analog Devices AD8023_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD8023
Model
AD8023A
Conditions
VS
Min
Typ
Max
Units
POWER SUPPLY (Continued)
Power Supply Rejection Ratio
VS =
±2.5 V to ±7.5 V
dB
Input Offset Voltage
54
76
dB
–Input Current
0.03
µA/V
+Input Current
0.07
µA/V
DISABLE CHARACTERISTICS
Off Isolation
f = 6 MHz
–70
dB
Off Output Capacitance
G = +1
12
pF
Turn-On Time
50
ns
Turn-Off Time
RL = 150
30
ns
Switching Threshold
VTH – VEE
1.6
V
Specifications subject to change without notice.
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . 15.5 V Total
Internal Power Dissipation
Small Outline (R) . . . . 1.0 Watts (Observe Derating Curves)
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . .
±3 V (Clamped)
Output Voltage Limit
Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS
Minimum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range
R Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD8023A . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8023AR
–40
°C to +85°C 14-Lead Plastic SOIC R-14
AD8023AR-
–40
°C to +85°C 13" Tape and Reel
R-14
REEL
AD8023AR-
–40
°C to +85°C 7" Tape and Reel
R-14
REEL7
AD8023ACHIPS –40
°C to +85°CDie
Maximum Power Dissipation
The maximum power that can be safely dissipated by the AD8023
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for the plastic encapsulated
parts is determined by the glass transition temperature of the
plastic, about 150
°C. Temporarily exceeding this limit may
cause a shift in parametric performance due to a change in the
stresses exerted on the die by the package. Exceeding a junction
temperature of 175
°C for an extended period can result in
device failure.
While the AD8023 is internally short circuit protected, this may
not be enough to guarantee that the maximum junction temper-
ature is not exceeded under all conditions. To ensure proper
operation, it is important to observe the derating curves.
It must also be noted that in (noninverting) gain configurations
(with low values of gain resistor), a high level of input overdrive
can result in a large input error current, which may result in a
significant power dissipation in the input stage. This power
must be included when computing the junction temperature rise
due to total internal power.
AMBIENT TEMPERATURE – C
2.5
2.0
0.5
–50
90
–40 –30 –20
0
1020
30
4050
6070
80
1.5
1.0
–10
TJ = +150 C
14-LEAD SOIC
Figure 3. Maximum Power Dissipation vs. Ambient
Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8023 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


同様の部品番号 - AD8023_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8023ACHIPS AD-AD8023ACHIPS Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023AR AD-AD8023AR Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023AR-REEL AD-AD8023AR-REEL Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023AR-REEL7 AD-AD8023AR-REEL7 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results

同様の説明 - AD8023_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com