データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8026 データシート(PDF) 4 Page - Analog Devices

部品番号 AD8026
部品情報  Quad High Speed Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8026 データシート(HTML) 4 Page - Analog Devices

  AD8026_15 Datasheet HTML 1Page - Analog Devices AD8026_15 Datasheet HTML 2Page - Analog Devices AD8026_15 Datasheet HTML 3Page - Analog Devices AD8026_15 Datasheet HTML 4Page - Analog Devices AD8026_15 Datasheet HTML 5Page - Analog Devices AD8026_15 Datasheet HTML 6Page - Analog Devices AD8026_15 Datasheet HTML 7Page - Analog Devices AD8026_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8026–Typical Performance Characteristics
–4–
REV. 0
FREQUENCY – Hz
0.5
0.4
–0.5
0.1
–0.2
–0.3
–0.4
0.3
0.2
–0.1
0
100k
500M
1M
10M
100M
–8
2
1
0
–1
–2
–3
–4
–5
–6
–7
VIN = 50mV rms
RL = 1k
RS = 0
CL = 0pF
Figure 3. Small Signal Bandwidth and 0.1 dB Flatness
20mV/DIV
25mV/DIV
50ns/DIV
VOUT = 100mV
VIN = 37.5mV
RL = 10k
Figure 4. 100 mV Step Response
TIME – ns
0
20
40
60
80
100 120 140 160 180
VIN = 4V STEP
RL = 10k
RS = 50
CL = 100pF
Figure 5. Short-Term Settling Time
FREQUENCY – Hz
100k
500M
1M
10M
100M
VIN = 2.0V p-p
RL = 1k
–8.5
–5.5
–2.5
0.5
3.5
6.5
9.5
12.5
15.5
18.5
21.5
VIN = 1.0V p-p
VIN = 0.5V p-p
VIN = 0.25V p-p
Figure 6. Large Signal Bandwidth
FREQUENCY – Hz
100k
500M
1M
10M
100M
CL = 100pF
CL = 200pF
CL = 300pF
VIN = 50mV rms
RL = 1k
RS = 25
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
Figure 7. Cap Load vs. Frequency
FREQUENCY – Hz
0
–20
–120
100k
100M
1M
10M
–40
–60
–80
–100
VOUT = 2V p-p
RL = 1k
Figure 8. Crosstalk (Output-to-Output) vs. Frequency


同様の部品番号 - AD8026_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8026AR AD-AD8026AR Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
AD8026AR-REEL AD-AD8026AR-REEL Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
AD8026AR-REEL7 AD-AD8026AR-REEL7 Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
More results

同様の説明 - AD8026_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8026 AD-AD8026 Datasheet
217Kb / 8P
   Quad High Speed Amplifier
REV. 0
OP467 AD-OP467 Datasheet
242Kb / 16P
   Quad Precision, High Speed Operational Amplifier
REV. C
OP467 AD-OP467_07 Datasheet
613Kb / 20P
   Quad Precision, High Speed Operational Amplifier
Rev. F
OP467 AD-OP467_15 Datasheet
488Kb / 20P
   Quad Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
   High Speed Single Supply Quad Operational Amplifier
logo
Elantec Semiconductor
EL2423 ELANTEC-EL2423 Datasheet
696Kb / 9P
   Quad De-Compensated High Speed Operational Amplifier
logo
Analog Devices
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com