データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8030 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8030
部品情報  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8030 データシート(HTML) 9 Page - Analog Devices

Back Button AD8030_15 Datasheet HTML 5Page - Analog Devices AD8030_15 Datasheet HTML 6Page - Analog Devices AD8030_15 Datasheet HTML 7Page - Analog Devices AD8030_15 Datasheet HTML 8Page - Analog Devices AD8030_15 Datasheet HTML 9Page - Analog Devices AD8030_15 Datasheet HTML 10Page - Analog Devices AD8030_15 Datasheet HTML 11Page - Analog Devices AD8030_15 Datasheet HTML 12Page - Analog Devices AD8030_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8029/AD8030/AD8040
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: VS = 5 V (TA = 25°C, RL = 1 kΩ tied to midsupply, unless otherwise noted.)
FREQUENCY (MHz)
0.1
1
10
100
1000
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-0-004
G = +10
RF = 9kΩ, RG = 1kΩ
G = +2
RF = RG = 1kΩ
G = –1
RF = RG = 1kΩ
VO = 0.1V p-p
G = +1
RF = 0Ω
Figure 7. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-0-005
±5V
+5V
+3V
G = +1
VO = 0.1V p-p
Figure 8. Small Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-0-006
±5V
+5V
+3V
G = +1
VO = 2V p-p
Figure 9. Large Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
1
10
100
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
03679-A-011
DASHED LINES: VOUT = 2V p-p
SOLID LINES: VOUT = 0.1V p-p
G = +1
G = +2
RF = 1kΩ
Figure 10. 0.1 dB Flatness Frequency Response
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-A-012
±5V
+3V
+5V
G = +2
VO = 0.1V p-p
RF = 1kΩ
Figure 11. Small Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-A-013
VS = ±5
VS = +3
VS = +5
G = +2
VO = 2V p-p
RF = 1kΩ
Figure 12. Large Signal Frequency Response for Various Supplies


同様の部品番号 - AD8030_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8030AR AD-AD8030AR Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030AR AD-AD8030AR Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030AR-EBZ AD-AD8030AR-EBZ Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030AR-REEL AD-AD8030AR-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030AR-REEL7 AD-AD8030AR-REEL7 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
More results

同様の説明 - AD8030_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com