データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8036 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8036
部品情報  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8036 データシート(HTML) 7 Page - Analog Devices

Back Button AD8036_15 Datasheet HTML 3Page - Analog Devices AD8036_15 Datasheet HTML 4Page - Analog Devices AD8036_15 Datasheet HTML 5Page - Analog Devices AD8036_15 Datasheet HTML 6Page - Analog Devices AD8036_15 Datasheet HTML 7Page - Analog Devices AD8036_15 Datasheet HTML 8Page - Analog Devices AD8036_15 Datasheet HTML 9Page - Analog Devices AD8036_15 Datasheet HTML 10Page - Analog Devices AD8036_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. B
–6–
AD8036/AD8037
AD8036–Typical Characteristics
200
140
102
49.9
1M
FREQUENCY – Hz
10M
100M
1G
VO = 300mV p-p
VS = 5V
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
TPC 13. AD8036 Small Signal Frequency Response,
G = +1
1M
158
140
150
10M
100M
1G
VO = 300mV p-p
VS = 5V
RL = 100
130
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
FREQUENCY – Hz
TPC 14. AD8036 0.1 dB Flatness, N Package (for R
Package Add 20
Ω to RF)
60
10
10k
100k
10M
1M
30
20
40
50
FREQUENCY – Hz
0
–10
100M
1G
100
20
0
–20
40
60
80
–80
–100
–120
–60
–40
90
70
80
–20
GAIN
PHASE
TPC 15. AD8036 Open-Loop Gain and Phase Margin vs.
Frequency, RL = 100
VALUE OF FEEDBACK RESISTOR (RF) –
20
240
40
200
220
180
160
140
120
100
80
60
R PACKAGE
RF
130
AD8036
VS = 5V
RL = 100
GAIN = +1
RL
49.9
N PACKAGE
400
350
300
250
200
TPC 16. AD8036 Small Signal –3 dB Bandwidth vs. RF
1M
FREQUENCY – Hz
10M
100M
1G
250
RF = 50
TO
250
BY
50
50
VS = 5V
VO = 2.5V p-p
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
TPC 17. AD8036 Large Signal Frequency Response,
G = +1
FREQUENCY – Hz
1M
10M
100M
1G
100k
VS = 5V
VO = 300mV p-p
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
140
VH
100
VL (VIN)
(VO)
1V
AD8036
TPC 18. AD8036 Clamp Input Bandwidth, VH, VL


同様の部品番号 - AD8036_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8036-EB AD-AD8036-EB Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036-EB AD-AD8036-EB Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036-EB AD-AD8036-EB Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036-EB AD-AD8036-EB Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036ACHIPS AD-AD8036ACHIPS Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
More results

同様の説明 - AD8036_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037ARZ AD-AD8037ARZ Datasheet
605Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com