データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8039 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8039
部品情報  Low Power, 350 MHz Voltage Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8039 データシート(HTML) 3 Page - Analog Devices

  AD8039_15 Datasheet HTML 1Page - Analog Devices AD8039_15 Datasheet HTML 2Page - Analog Devices AD8039_15 Datasheet HTML 3Page - Analog Devices AD8039_15 Datasheet HTML 4Page - Analog Devices AD8039_15 Datasheet HTML 5Page - Analog Devices AD8039_15 Datasheet HTML 6Page - Analog Devices AD8039_15 Datasheet HTML 7Page - Analog Devices AD8039_15 Datasheet HTML 8Page - Analog Devices AD8039_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD8038/AD8039
Rev. G | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
Maximum Power Dissipation ..................................................... 5
 
Output Short Circuit .................................................................... 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ............................................. 6
 
Layout, Grounding, and Bypassing Considerations .................. 13
 
Disable ......................................................................................... 13
 
Power Supply Bypassing ............................................................ 13
 
Grounding ................................................................................... 13
 
Input Capacitance ...................................................................... 13
 
Output Capacitance ................................................................... 13
 
Input-to-Output Coupling ........................................................ 13
 
Applications Information .............................................................. 14
 
Low Power ADC Driver ............................................................ 14
 
Low Power Active Video Filter................................................. 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
8/09—Rev. F to Rev. G
Changes to Applications Section and General Description
Section................................................................................................ 1
Changes to Disable Section and Grounding Section................. 13
Changes to Low Power ADC Driver Section and Low Power
Active Video Filter Section............................................................ 14
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 16
8/04—Rev. E to Rev. F
Changes to Figure 4........................................................................ 10
8/03—Rev. D to Rev. E
Change to TPC 34............................................................................. 8
7/03—Rev. C to Rev. D
Changes to Ordering Guide ............................................................ 4
Updated TPC 35 Caption ................................................................ 8
6/03—Rev. B to Rev. C
Updated Connection Diagrams...................................................... 1
Updated Ordering Guide................................................................. 4
Updated Outline Dimensions ....................................................... 11
5/02—Rev. A to Rev. B
Add Part Number AD8038 ...............................................Universal
Changes to Product Title..................................................................1
Changes to Features ..........................................................................1
Changes to Product Description .....................................................1
Changes to Connection Diagram....................................................1
Update to Specifications ...................................................................2
Update to Maximum Power Dissipation........................................4
Update to Output Short Circuit.......................................................4
Update to Ordering Guide ...............................................................4
Change to Figure 2 ............................................................................4
Change to TPC 2 ...............................................................................5
Change to TPC 18 .............................................................................6
Change to TPC 27 .............................................................................7
Change to TPC 29 .............................................................................8
Change to TPC 30 .............................................................................8
Change to TPC 31 .............................................................................8
Added TPC 36....................................................................................8
Added TPC 37....................................................................................9
Edits to Low Power Active Video Filter....................................... 10
Change to Figure 4 ......................................................................... 10
4/02—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Update Specifications................................................................... 2, 3
Edits to TPC 19..................................................................................7


同様の部品番号 - AD8039_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8039AR AD-AD8039AR Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8039AR AD-AD8039AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
More results

同様の説明 - AD8039_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com