データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8803 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8803
部品情報  Octal 8-Bit TrimDAC with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8803 データシート(HTML) 1 Page - Analog Devices

  AD8803_15 Datasheet HTML 1Page - Analog Devices AD8803_15 Datasheet HTML 2Page - Analog Devices AD8803_15 Datasheet HTML 3Page - Analog Devices AD8803_15 Datasheet HTML 4Page - Analog Devices AD8803_15 Datasheet HTML 5Page - Analog Devices AD8803_15 Datasheet HTML 6Page - Analog Devices AD8803_15 Datasheet HTML 7Page - Analog Devices AD8803_15 Datasheet HTML 8Page - Analog Devices AD8803_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Octal 8-Bit TrimDAC
with Power Shutdown
AD8801/AD8803
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Cost
Replaces Eight Potentiometers
Eight Individually Programmable Outputs
Three-Wire Serial Input
Power Shutdown
≤ 25 W Including I
DD and IREF
Midscale Preset, AD8801
Separate VREFL Range Setting, AD8803
+3 V to +5 V Single Supply Operation
APPLICATIONS
Automatic Adjustment
Trimmer Potentiometer Replacement
Video and Audio Equipment Gain and Offset Adjustment
Portable and Battery Operated Equipment
GENERAL DESCRIPTION
The AD8801/AD8803 provides eight digitally controlled dc
voltage outputs. This potentiometer divider TrimDAC
® allows
replacement of the mechanical trimmer function in new designs.
The AD8801/AD8803 is ideal for dc voltage adjustment
applications.
Easily programmed by serial interfaced microcontroller ports,
the AD8801 with its midscale preset is ideal for potentiometer
replacement where adjustments start at a nominal value. Appli-
cations such as gain control of video amplifiers, voltage con-
trolled frequencies and bandwidths in video equipment,
geometric correction and automatic adjustment in CRT com-
puter graphic displays are a few of the many applications ideally
suited for these parts. The AD8803 provides independent con-
trol of both the top and bottom end of the potentiometer divider
allowing a separate zero-scale voltage setting determined by the
VREFL pin. This is helpful for maximizing the resolution of de-
vices with a limited allowable voltage control range.
FUNCTIONAL BLOCK DIAGRAM
(DACs 2–7 Omitted for Clarity)
Internally the AD8801/AD8803 contain eight voltage output
digital-to-analog converters, sharing a common reference volt-
age input.
Each DAC has its own DAC register that holds its output state.
These DAC registers are updated from an internal serial-to-par-
allel shift register that is loaded from a standard three-wire serial
input digital interface. Eleven data bits make up the data word
clocked into the serial input register. This data word is decoded
where the first 3 bits determine the address of the DAC register
to be loaded with the last 8 bits of data. The AD8801/AD8803
consumes only 5
µA from 5 V power supplies. In addition, in
shutdown mode reference input current consumption is also re-
duced to 5
µA while saving the DAC latch settings for use after
return to normal operation.
The AD8801/AD8803 is available in 16-pin plastic DIP and the
1.5 mm height SO-16 surface mount packages.
TrimDAC is a registered trademark of Analog Devices, Inc.
DAC 8 VOUT
VREFH
VREFL
.
.
.
.
.
.
AD8801/AD8803
VREFL
VREFH
O1
O8
SHDN
RS
CS
CLK
SDI
GND
VDD
8
8
8
88
8
3
DAC
SELECT
11-BIT
SERIAL
LATCH
D
CK RS
1
8
ADDRESS
8-BIT
LATCH
CK
RS
8-BIT
LATCH
CK
RS
DAC 1 VOUT
VREFH
VREFL
See the AD8802/AD8804 for a twelve channel version of this product.


同様の部品番号 - AD8803_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8803AN AD-AD8803AN Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AN AD-AD8803AN Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AR AD-AD8803AR Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803AR AD-AD8803AR Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

同様の説明 - AD8803_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com