データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9887 データシート(PDF) 5 Page - Analog Devices

部品番号 AD9887
部品情報  Dual Interface for Flat Panel Displays
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9887 データシート(HTML) 5 Page - Analog Devices

  AD9887_15 Datasheet HTML 1Page - Analog Devices AD9887_15 Datasheet HTML 2Page - Analog Devices AD9887_15 Datasheet HTML 3Page - Analog Devices AD9887_15 Datasheet HTML 4Page - Analog Devices AD9887_15 Datasheet HTML 5Page - Analog Devices AD9887_15 Datasheet HTML 6Page - Analog Devices AD9887_15 Datasheet HTML 7Page - Analog Devices AD9887_15 Datasheet HTML 8Page - Analog Devices AD9887_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
REV. 0
–5–
AD9887
Test
AD9887KS
Parameter
Conditions
Level
Min
Typ
Max
Unit
AC SPECIFICATIONS (continued)
High-to-Low Transition Time for DATACK (DHLT)
Output Drive = High; CL =10 pF
IV
1.4
ns
Output Drive = Med; CL = 7 pF
IV
1.7
ns
Output Drive = Low; CL = 5 pF
IV
2.1
ns
Clock to Data Skew, tSKEW
IV
–0.5
+2.0
ns
Duty Cycle, tDCYCLE
IV
45
55
% of
Period
High
DATACK Frequency (FCIP) (1 Pixel/Clock)
VI
20
112
MHz
DATACK Frequency (FCIP) (2 Pixels/Clock)
IV
10
56
MHz
NOTES
1The typical pattern contains a gray scale area, Output Drive = High.
2The worst-case pattern contains a black and white checkerboard pattern, Output Drive = High.
3The setup and hold times with respect to the DATACK rising edge are the same as the falling edge.
41 Pixel/clock mode, DATACK and
DATACK Load = 10 pF, Data Load = 5 pF.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9887 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . –25
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
Explanation
I
100% production tested.
II
100% production tested at 25
°C and sample
tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and charac-
terization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C; guaranteed
by design and characterization testing.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9887KS-140
0
°C to 70°C
Plastic Quad Flatpack
S-160
AD9887KS-100
0
°C to 70°C
Plastic Quad Flatpack
S-160
AD9887/PCB
25
°C
Evaluation Board


同様の部品番号 - AD9887_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887/PCB AD-AD9887/PCB Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

同様の説明 - AD9887_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com