データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9923A データシート(PDF) 10 Page - Analog Devices

部品番号 AD9923A
部品情報  CCD Signal Processor with V-Driver and Precision Timing Generator
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9923A データシート(HTML) 10 Page - Analog Devices

Back Button AD9923A_15 Datasheet HTML 6Page - Analog Devices AD9923A_15 Datasheet HTML 7Page - Analog Devices AD9923A_15 Datasheet HTML 8Page - Analog Devices AD9923A_15 Datasheet HTML 9Page - Analog Devices AD9923A_15 Datasheet HTML 10Page - Analog Devices AD9923A_15 Datasheet HTML 11Page - Analog Devices AD9923A_15 Datasheet HTML 12Page - Analog Devices AD9923A_15 Datasheet HTML 13Page - Analog Devices AD9923A_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
AD9923A
Rev. A | Page 10 of 84
Pin No.
Mnemonic
Type1
Description
A8
CLI
DI
Reference Clock Input (Master Clock).
A9
CLO
DO
Clock Output for Crystal.
F11
H1
DO
CCD Horizontal Clock 1.
E11
H2
DO
CCD Horizontal Clock 2.
D11
H3
DO
CCD Horizontal Clock 3.
C11
H4
DO
CCD Horizontal Clock 4.
B11
HL
DO
CCD Last Horizontal Clock.
C10
RG
DO
CCD Reset Gate Clock.
K6
VSUB
DO
CCD Substrate Bias.
F5
MSHUT
DO
Mechanical Shutter Pulse.
G5
STROBE
DO
Strobe Pulse.
G6
SUBCK
DO
CCD Substrate Clock (E Shutter).
F1
DCLK
DO
Data Clock Output.
G1
D0
DO
Data Output (LSB).
H3
D1
DO
Data Output.
H2
D2
DO
Data Output.
H1
D3
DO
Data Output.
J3
D4
DO
Data Output.
J2
D5
DO
Data Output.
J1
D6
DO
Data Output.
K3
D7
DO
Data Output.
K2
D8
DO
Data Output.
K1
D9
DO
Data Output.
L3
D10
DO
Data Output.
L2
D11
DO
Data Output (MSB).
D2
VD
DIO
Vertical Sync Pulse. Input in slave mode, output in master mode.
E2
HD
DIO
Horizontal Sync Pulse. Input in slave mode, output in master mode.
C8
V1
VO3
CCD Vertical Transfer Clock.
G10
V2
VO2
CCD Vertical Transfer Clock.
E7
V3
VO3
CCD Vertical Transfer Clock.
G9
V4
VO2
CCD Vertical Transfer Clock.
C4
V5A
VO3
CCD Vertical Transfer Clock.
C5
V5B
VO3
CCD Vertical Transfer Clock.
F10
V6
VO2
CCD Vertical Transfer Clock.
C6
V7A
VO3
CCD Vertical Transfer Clock.
C7
V7B
VO3
CCD Vertical Transfer Clock.
G11
V8
VO2
CCD Vertical Transfer Clock.
H11
V9
VO2
CCD Vertical Transfer Clock.
H10
V10
VO2
CCD Vertical Transfer Clock.
F6
V11
VO3
CCD Vertical Transfer Clock.
F7
V12
VO3
CCD Vertical Transfer Clock.
E10
V13
VO2
CCD Vertical Transfer Clock.
K11
VDR_EN
DI
V-Driver Output Enable pin.
J5
TEST0
DI
Test Input. Must be tied to VSS1 or VSS2.
J7
TEST1
DI
Test Input. Must be tied to VSS1 or VSS2.
J8
TEST3
DI
Test Input. Must be tied to VDD1 or VDD2.
A11, E6, H9, J6, J9, J10, J11, K4, K7, L1, L6,
L9, L11, G2, G3
NC
No Connect.
1 AI = analog input, AO = analog output, DI = digital input, DO = digital output, DIO = digital input/output, P = power, VO2 = Vertical Driver Output 2 level, VO3 =
Vertical Driver Output 3 level.


同様の部品番号 - AD9923A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9923ABBCZ AD-AD9923ABBCZ Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923ABBCZRL AD-AD9923ABBCZRL Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
More results

同様の説明 - AD9923A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
   60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com