データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9949 データシート(PDF) 5 Page - Analog Devices

部品番号 AD9949
部品情報  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9949 データシート(HTML) 5 Page - Analog Devices

  AD9949_15 Datasheet HTML 1Page - Analog Devices AD9949_15 Datasheet HTML 2Page - Analog Devices AD9949_15 Datasheet HTML 3Page - Analog Devices AD9949_15 Datasheet HTML 4Page - Analog Devices AD9949_15 Datasheet HTML 5Page - Analog Devices AD9949_15 Datasheet HTML 6Page - Analog Devices AD9949_15 Datasheet HTML 7Page - Analog Devices AD9949_15 Datasheet HTML 8Page - Analog Devices AD9949_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9949
Rev. B | Page 5 of 36
TIMING SPECIFICATIONS
CL = 20 pF, fCLI = 36 MHz, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI) (See Figure 16)
CLI Clock Period
tCLI
27.8
ns
CLI High/Low Pulse Width
tADC
11.2
13.9
16.6
ns
Delay from CLI to Internal Pixel Period Position
tCLIDLY
6
ns
CLPOB PULSE WIDTH (PROGRAMMABLE)1
tCOB
2
20
Pixels
SAMPLE CLOCKS (See Figure 18)
SHP Rising Edge to SHD Rising Edge
tS1
12.5
13.9
ns
DATA OUTPUTS (See Figure 19 and Figure 20)
Output Delay From Programmed Edge
tOD
6
ns
Pipeline Delay
11
Cycles
SERIAL INTERFACE (SERIAL TIMING SHOWN IN Figure 14 and Figure 15)
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.


同様の部品番号 - AD9949_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9949AKCPZ AD-AD9949AKCPZ Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949AKCPZRL AD-AD9949AKCPZRL Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCP AD-AD9949KCP Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCPRL AD-AD9949KCPRL Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCPZ AD-AD9949KCPZ Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

同様の説明 - AD9949_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com