データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9956 データシート(PDF) 3 Page - Analog Devices

部品番号 AD9956
部品情報  2.7 GHz DDS-Based AgileRF Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9956 データシート(HTML) 3 Page - Analog Devices

  AD9956_15 Datasheet HTML 1Page - Analog Devices AD9956_15 Datasheet HTML 2Page - Analog Devices AD9956_15 Datasheet HTML 3Page - Analog Devices AD9956_15 Datasheet HTML 4Page - Analog Devices AD9956_15 Datasheet HTML 5Page - Analog Devices AD9956_15 Datasheet HTML 6Page - Analog Devices AD9956_15 Datasheet HTML 7Page - Analog Devices AD9956_15 Datasheet HTML 8Page - Analog Devices AD9956_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9956
Rev. A | Page 3 of 32
PRODUCT OVERVIEW
The AD9956 is Analog Devices’ newest AgileRF synthesizer.
The device is comprised of DDS and PLL circuitry. The DDS
features a 14-bit DAC operating at up to 400 MSPS and a 48-bit
frequency tuning word (FTW). The PLL circuitry includes a
phase frequency detector with scaleable 200 MHz inputs
(divider inputs operate up to 655 MHz) and digital control over
the charge pump current. The device also includes a 655 MHz
CML-mode PECL-compliant driver with programmable slew
rates. The AD9956 uses advanced DDS technology, an internal
high speed, high performance DAC, and an advanced phase
frequency detector/charge pump combination, which, when
used with an external VCO, enables the synthesis of digitally
programmable, frequency-agile analog output sinusoidal wave-
forms up to 2.7 GHz. The AD9956 is designed to provide fast
frequency hopping and fine tuning resolution (48-bit frequency
tuning word). Information is loaded into the AD9956 via a
serial I/O port that has a device write-speed of 25 Mb/s. The
AD9956 DDS block also supports a user-defined linear sweep
mode of operation.
The AD9956 is specified to operate over the extended
automotive range of −40°C to +125°C.


同様の部品番号 - AD9956_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956/PCB AD-AD9956/PCB Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956/PCB AD-AD9956/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956YCPZ-REEL1 AD-AD9956YCPZ-REEL1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956YCPZ1 AD-AD9956YCPZ1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
More results

同様の説明 - AD9956_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9956 AD-AD9956 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com