データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HGTG20N120CND データシート(PDF) 4 Page - Intersil Corporation

部品番号 HGTG20N120CND
部品情報  63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG20N120CND データシート(HTML) 4 Page - Intersil Corporation

  HGTG20N120CND Datasheet HTML 1Page - Intersil Corporation HGTG20N120CND Datasheet HTML 2Page - Intersil Corporation HGTG20N120CND Datasheet HTML 3Page - Intersil Corporation HGTG20N120CND Datasheet HTML 4Page - Intersil Corporation HGTG20N120CND Datasheet HTML 5Page - Intersil Corporation HGTG20N120CND Datasheet HTML 6Page - Intersil Corporation HGTG20N120CND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
TJ = 150
oC, R
G = 3Ω, L = 1mH, VCE = 960V
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
10
40
30
50
10
100
20
TC = 75
oC, V
GE = 15V, IDEAL DIODE
TC
VGE
110oC
12V
15V
15V
75oC
110oC
75oC
12V
PC = CONDUCTION DISSIPATION
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RØJC = 0.32
oC/W, SEE NOTES
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON + EOFF)
VGE, GATE TO EMITTER VOLTAGE (V)
12
13
14
15
16
5
10
15
20
100
150
200
300
tSC
ISC
25
250
VCE = 960V, RG = 3Ω, TJ = 125
oC
02
4
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
20
40
68
10
80
100
60
TC = -55
oC
TC = 25
oC
TC = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
40
60
80
02
4
6
8
20
100
0
TC = -55
oC
TC = 25
oC
TC = 150
oC
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
10
6
ICE, COLLECTOR TO EMITTER CURRENT (A)
8
4
2
15
10
5
12
25
30
0
35
40
TJ = 25
oC, V
GE = 12V, VGE = 15V
TJ = 150
oC, V
GE = 12V, VGE = 15V
RG = 3Ω, L = 1mH, VCE = 960V
20
6
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
15
10
5
1
4
2
5
7
8
25
30
RG = 3Ω, L = 1mH, VCE = 960V
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 150
oC, V
GE = 12V OR 15V
35
40
3
20
HGTG20N120CND


同様の部品番号 - HGTG20N120CND

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

同様の説明 - HGTG20N120CND

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com