データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD22157 データシート(PDF) 6 Page - Analog Devices

部品番号 AD22157
部品情報  Wheel Speed Sensor For ABS Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD22157 データシート(HTML) 6 Page - Analog Devices

  AD22157_15 Datasheet HTML 1Page - Analog Devices AD22157_15 Datasheet HTML 2Page - Analog Devices AD22157_15 Datasheet HTML 3Page - Analog Devices AD22157_15 Datasheet HTML 4Page - Analog Devices AD22157_15 Datasheet HTML 5Page - Analog Devices AD22157_15 Datasheet HTML 6Page - Analog Devices AD22157_15 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
-6-
REV. PrA
A typical automotive application is shown above. The digital output signal is developed across a 75
ohm resistor. The power supply to the device is conditioned in an ECU to limit “load dump” pulses to
27v.
Package Rear View
Wheel Front View
Pin 1
Magnet
Left: Pin 1 to Pin 5
Right: Pin 5 to Pin 1
Front of AD22157
faces the wheel
Magnet placed
against the back side
of the AD22157
Figure 7. Wheel Direction Diagram
Figure 6. Typical Connection in a Wheel Speed Sensing Application
Cecu
75
27V
Vbat_high
Vbat_low
(Battery Voltage)
4.7nF
Vlow
Vhigh
NC
ECU
Sensor Circuit
Supply to additional sensors
NC
NC
AD22157
PRELIMINARY TECHNICAL DATA


同様の部品番号 - AD22157_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
More results

同様の説明 - AD22157_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
logo
TE Connectivity Ltd
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 2
logo
Infineon Technologies A...
TLE5041PLUSC INFINEON-TLE5041PLUSC Datasheet
2Mb / 30P
   iGMR based Wheel Speed Sensor
V 1.2, 2018-01-18
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
   ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
   ASIL-Compliant Wheel Speed Sensor IC
logo
List of Unclassifed Man...
CY30 ETC1-CY30 Datasheet
128Kb / 2P
   Sensor interface for an inductive engine wheel speed single rotation sensor
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
   ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
   High Accuracy GMR Wheel Speed and Direction Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com