データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD53042 データシート(PDF) 3 Page - Analog Devices

部品番号 AD53042
部品情報  High Speed Window Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD53042 データシート(HTML) 3 Page - Analog Devices

  AD53042_15 Datasheet HTML 1Page - Analog Devices AD53042_15 Datasheet HTML 2Page - Analog Devices AD53042_15 Datasheet HTML 3Page - Analog Devices AD53042_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD53042
–3–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53042 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –8 V
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V
Inputs
VIN, VA, VB . . . . . . . . . . . . . . . +VS – 13.5 V, –VS + 13.7 V
LEA,
LEA, LEB, LEB . . . . . . . . . +V
S – 14 V, –VS +10 V
Currents
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 mA
–VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –75 mA
QA,
QA, QB, QB . . . . . . . . . . . . . . . . . . –40 mA to +2 mA
Environmental
Operating Temperature (Ambient) . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering, 20 sec) . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
The device must suffer no reliability degradation if any supply pin is either shorted
to ground or left floating for an indefinite periods of time during normal operation.
PIN CONFIGURATION
7
8
9
10
11
5
6
28 27 26
1
2
3
4
12 13
14 15 16 17 18
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
21
22
23
24
25
19
20
GND
VINA
NC
VINAB
NC
GND
QA
QA
DGND
QB
NC = NO CONNECT
AD53042
VINB
GND
QB
GND
ORDERING GUIDE
Shipment Method,
Quantity
Package
Per Shipping
Package
Model
Description
Container
Option
AD53042KRP
28-Lead PLCC
Tube, 36 Pieces
P-28A
WARNING!
ESD SENSITIVE DEVICE
VA
VB
VIN
QA
QA
QB
QB
LEA, LEB
LEA, LEB
~1.2ns
Figure 3. Timing Diagram II
If either of the latch enables, LEA or LEB are low, the output
follows the input. If LEA or LEB are high, the comparator out-
puts will be latched and they won’t change.
VA
VB
VIN
QA
QA
QB
QB
tPDR
tPDF
tPDR
tPDF
Figure 2. Timing Diagram I


同様の部品番号 - AD53042_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD53042KRP AD-AD53042KRP Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
More results

同様の説明 - AD53042_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
   10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
   High Speed, 10 GHz Window Comparator
AD1317 AD-AD1317 Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com