データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HGTG27N120BN データシート(PDF) 6 Page - Intersil Corporation

部品番号 HGTG27N120BN
部品情報  72A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG27N120BN データシート(HTML) 6 Page - Intersil Corporation

  HGTG27N120BN Datasheet HTML 1Page - Intersil Corporation HGTG27N120BN Datasheet HTML 2Page - Intersil Corporation HGTG27N120BN Datasheet HTML 3Page - Intersil Corporation HGTG27N120BN Datasheet HTML 4Page - Intersil Corporation HGTG27N120BN Datasheet HTML 5Page - Intersil Corporation HGTG27N120BN Datasheet HTML 6Page - Intersil Corporation HGTG27N120BN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 17. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Typical Performance Curves
Unless Otherwise Specified (Continued)
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
101
10-4
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
SINGLE PULSE
0.2
0.5
0.01
0.02
0.05
0.1
Test Circuit and Waveforms
FIGURE 18. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 19. SWITCHING TEST WAVEFORMS
RG = 3Ω
L = 1mH
VDD = 960V
+
-
RHRP30120
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2
HGTG27N120BN


同様の部品番号 - HGTG27N120BN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
178Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Inchange Semiconductor ...
HGTG27N120BN ISC-HGTG27N120BN Datasheet
396Kb / 4P
   IGBT
2023-10-09
logo
Fairchild Semiconductor
HGTG27N120BN FAIRCHILD-HGTG27N120BN_04 Datasheet
178Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results

同様の説明 - HGTG27N120BN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN_04 Datasheet
178Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com