データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD71056 データシート(PDF) 5 Page - Analog Devices

部品番号 AD71056
部品情報  Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD71056 データシート(HTML) 5 Page - Analog Devices

  AD71056_15 Datasheet HTML 1Page - Analog Devices AD71056_15 Datasheet HTML 2Page - Analog Devices AD71056_15 Datasheet HTML 3Page - Analog Devices AD71056_15 Datasheet HTML 4Page - Analog Devices AD71056_15 Datasheet HTML 5Page - Analog Devices AD71056_15 Datasheet HTML 6Page - Analog Devices AD71056_15 Datasheet HTML 7Page - Analog Devices AD71056_15 Datasheet HTML 8Page - Analog Devices AD71056_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD71056
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
VDD to DGND
−0.3 V to +7 V
Analog Input Voltage to AGND
V1P, V1N, V2P, and V2N
−6 V to +6 V
Reference Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead Plastic SOIC, Power Dissipation
350 mW
θJA Thermal Impedance1
124.9°C/W
Package Temperature Soldering
See J-STD-20
1 JEDEC 1S standard (2-layer) board data.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD71056_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD71056AR AD-AD71056AR Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
AD71056AR-RL AD-AD71056AR-RL Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
AD71056ARZ AD-AD71056ARZ Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
AD71056ARZ-RL AD-AD71056ARZ-RL Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
More results

同様の説明 - AD71056_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD71056 AD-AD71056 Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7769 AD-ADE7769 Datasheet
389Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
   Energy Metering IC with Integrated Oscillator
REV. A
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
Rev. PrB
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
   Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com