データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8701 データシート(PDF) 6 Page - Analog Devices

部品番号 ADD8701
部品情報  12-Channel Gamma Buffers with VCOM Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8701 データシート(HTML) 6 Page - Analog Devices

  ADD8701_15 Datasheet HTML 1Page - Analog Devices ADD8701_15 Datasheet HTML 2Page - Analog Devices ADD8701_15 Datasheet HTML 3Page - Analog Devices ADD8701_15 Datasheet HTML 4Page - Analog Devices ADD8701_15 Datasheet HTML 5Page - Analog Devices ADD8701_15 Datasheet HTML 6Page - Analog Devices ADD8701_15 Datasheet HTML 7Page - Analog Devices ADD8701_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
ADD8701
CAPACITIVE LOAD – pF
180
40
0
200
1,200
400
600
800
1,000
160
140
120
80
60
100
VCOM
CHANNELS 1 AND 2
CHANNELS 3 TO 9
CHANNELS 11 AND 12
VDD = 7V
RL = 2k
TPC 20. Input-Output Phase
Shift vs. Capacitive Load
TEMPERATURE – C
16
14
0
–40
85
25
8
6
2
4
12
10
VDD = 16V
RNULL = 33
CL = 100pF
VCOM SLEW RATE RISING
VCOM SLEW RATE FALLING
TPC 23. Slew Rate vs. Temperature
SETTLING TIME – ns
12
0
–12
400
1,400
600
800
1,000
1,200
8
4
–4
–8
+tS (0.1%)
VCOM
VDD = 8V
RL = 5k
CL = 100pF
RNULL = 33
TA = 25 C
–tS (0.1%)
TPC 26. Settling Time vs. Step Size
CAPACITIVE LOAD – pF
180
40
0
200
1,200
400
600
800
1,000
160
140
120
80
60
100
VCOM
CHANNEL 1
CHANNEL 3
CHANNEL 11
VDD = 16V
RL = 2k
TPC 21. Input-Output Phase
Shift vs. Capacitive Load
7V < VDD < 16V
ROUT SERIES = 33
CLOAD = 0.1 F
TIME – 20 s/DIV
TPC 24. Small Signal Transient
Response
TIME – 40 s/DIV
TPC 27. No Phase Reversal
FREQUENCY – Hz
20
10
–30
100k
1M
30M
10M
0
–10
–20
50pF
1040pF
–40
–50
540pF
100pF
VDD = 16V
BUFFERS 10 TO 12
TPC 19. Frequency Response
vs. Capacitive Loading
TIME – 2 s/DIV
VDD = 16V
TPC 22. Large-Signal Transient
Response
CAPACITIVE LOAD – pF
10
100
10k
1k
100
90
0
80
70
60
50
40
30
20
10
+OS
–OS
VDD = 8V
VIN = 50mV
RL = 2k
TA = 25 C
TPC 25. Small-Signal Overshoot
vs. Capacitive Load


同様の部品番号 - ADD8701_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8701ACP AD-ADD8701ACP Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results

同様の説明 - ADD8701_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com