データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8706 データシート(PDF) 5 Page - Analog Devices

部品番号 ADD8706
部品情報  16 V 5 1 Channel Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8706 データシート(HTML) 5 Page - Analog Devices

  ADD8706_15 Datasheet HTML 1Page - Analog Devices ADD8706_15 Datasheet HTML 2Page - Analog Devices ADD8706_15 Datasheet HTML 3Page - Analog Devices ADD8706_15 Datasheet HTML 4Page - Analog Devices ADD8706_15 Datasheet HTML 5Page - Analog Devices ADD8706_15 Datasheet HTML 6Page - Analog Devices ADD8706_15 Datasheet HTML 7Page - Analog Devices ADD8706_15 Datasheet HTML 8Page - Analog Devices ADD8706_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADD8706
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3. ADD8706 Stress Ratings*
Parameter
Rating
Supply Voltage (VS)
18 V
Input Voltage
0.5 V to VS + 0.5 V
Differential Input Voltage
VS
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +85°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range
300°C
ESD Tolerance (HBM)
±1500 V
*Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Table 4. Package Characteristics
Package Type
θJA1
θJC
Unit
16-Lead TSSOP (RU)
180
35
°C/W
1θJA is specified for worst-case conditions, i.e., θJA is specified for devices
soldered onto a circuit board for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


同様の部品番号 - ADD8706_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8706ARUZ AD-ADD8706ARUZ Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8706ARUZ-REEL AD-ADD8706ARUZ-REEL Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
More results

同様の説明 - ADD8706_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8706 AD-ADD8706 Datasheet
1Mb / 12P
   16 V 5 1-Channel Operational Amplifier
REV. 0
ADD8704 AD-ADD8704 Datasheet
546Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
Vishay Siliconix
132 VISHAY-132_V01 Datasheet
76Kb / 3P
   1 5/16
01-Jan-2022
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
   Single Channel Operational Amplifier
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com