データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8708 データシート(PDF) 11 Page - Analog Devices

部品番号 ADD8708
部品情報  18-Channel Gamma Buffer with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8708 データシート(HTML) 11 Page - Analog Devices

Back Button ADD8708_15 Datasheet HTML 7Page - Analog Devices ADD8708_15 Datasheet HTML 8Page - Analog Devices ADD8708_15 Datasheet HTML 9Page - Analog Devices ADD8708_15 Datasheet HTML 10Page - Analog Devices ADD8708_15 Datasheet HTML 11Page - Analog Devices ADD8708_15 Datasheet HTML 12Page - Analog Devices ADD8708_15 Datasheet HTML 13Page - Analog Devices ADD8708_15 Datasheet HTML 14Page - Analog Devices ADD8708_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADD8708
Rev. 0 | Page 11 of 16
VOLTAGE REGULATOR
The on-board voltage regulator provides a regulated voltage to
the resistor chain to provide stable gamma voltages.
The two mask-programmable internal resistors, R1 and R2,
and a reference voltage set the output of the regulator. The
typical values of these parts are shown in Figure 23. In addition,
see the Tap Point and Regulator Voltage Request Form in this
data sheet.
VREF
1.2V
+
R2
55k
R1
5k
VREG OUT
Figure 23. Voltage Regulator
The internal resistors have a typical accuracy of 0.1%. External
resistors can be used to adjust the regulator voltage; however, it
is not recommended. Please contact your local sales office for
further details.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADD8708 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, the glass transition tempera-
ture, the properties of the plastic change. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the para-
metric performance of the ADD8708. Exceeding a junction
temperature of 175°C for an extended period can result in
changes in the silicon devices, potentially causing failure.
LAND PATTERN
The LFCSP package comes with a thermal pad. Soldering down
this thermal pad dramatically improves the heat dissipation of
the package. It is necessary to attach vias that connect the
soldered thermal pad to another layer on the board. This
provides an avenue to dissipate the heat away from the part.
Without vias, the heat is isolated directly under the part.
Subdivide the solder paste, or stencil layer, for the thermal pad
to reduce solder balling and splatter. It is not critical how the
subdivisions are arranged, as long as the total coverage of the
solder paste for the thermal pad is greater than 50%. The land
pattern is critical to heat dissipation. A suggested land pattern is
shown in Figure 22.
The thermal pad is attached to the substrate. In the ADD8708,
the substrate is connected to VDD. To be electrically safe, the
thermal pad should be soldered to an area on the board that is
electrically isolated or connected to VDD. Attaching the thermal
pad to ground adversely affects the performance of the part.


同様の部品番号 - ADD8708_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8708WCPZ-REEL7 AD-ADD8708WCPZ-REEL7 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708WSTZ-REEL AD-ADD8708WSTZ-REEL Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results

同様の説明 - ADD8708_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com