データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8709 データシート(PDF) 7 Page - Analog Devices

部品番号 ADD8709
部品情報  18-Channel Gamma Buffer with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8709 データシート(HTML) 7 Page - Analog Devices

Back Button ADD8709_15 Datasheet HTML 3Page - Analog Devices ADD8709_15 Datasheet HTML 4Page - Analog Devices ADD8709_15 Datasheet HTML 5Page - Analog Devices ADD8709_15 Datasheet HTML 6Page - Analog Devices ADD8709_15 Datasheet HTML 7Page - Analog Devices ADD8709_15 Datasheet HTML 8Page - Analog Devices ADD8709_15 Datasheet HTML 9Page - Analog Devices ADD8709_15 Datasheet HTML 10Page - Analog Devices ADD8709_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADD8709
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
20
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
–20 –10
0
10203040
5060708090 100 110 120
TEMPERATURE (
°C)
ISINK = 15mA
ISINK = 5mA
ILOAD = 0mA
ISINK = 25mA
ISOURCE = 5mA
ISOURCE = 15mA
ISOURCE = 25mA
Figure 3. Output Voltage Error vs. Temperature
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH17 SINK
CH17 SOURCE
CH18 SOURCE
CH18 SINK
Figure 4. Output Voltage Error vs. Load Current (Channels 17 and 18)
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH16 SINK
CH10 SOURCE
CH16 SOURCE
CH10 SINK
Figure 5. Output Voltage Error vs. Load Current (Channels 10 and 16)
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH3 SINK
CH9 SOURCE
CH3 SOURCE
CH9 SINK
Figure 6. Output Voltage Error vs. Load Current (Channels 3 and 9)
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH1 SINK
CH1 SOURCE
CH2 SOURCE
CH2 SINK
Figure 7. Output Voltage Error vs. Load Current (Channels 1 and 2)
1000
900
800
700
600
500
400
300
200
100
0
–0.30
–0.18
–0.10
–0.02
0.06
0.14
0.22
0.30
GAMMA OUTPUT ERROR DUE TO OFFSET (% OF FS)
Figure 8. Gamma Output Voltage Error


同様の部品番号 - ADD8709_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8709ASTZ-REEL AD-ADD8709ASTZ-REEL Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709ASTZ-REEL7 AD-ADD8709ASTZ-REEL7 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results

同様の説明 - ADD8709_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com