データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDAC80D-CBI-V データシート(PDF) 10 Page - Analog Devices

部品番号 ADDAC80D-CBI-V
部品情報  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDAC80D-CBI-V データシート(HTML) 10 Page - Analog Devices

Back Button ADDAC80D-CBI-V Datasheet HTML 6Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 7Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 8Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 9Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 10Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 11Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 12Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 13Page - Analog Devices ADDAC80D-CBI-V Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
ADDAC80/ADDAC85/ADDAC87
–10–
1 F
3.9M
1 F
0.01 F
10M
+VS
10k
TO
100k
+VS
–VS
10k
TO
100k
–VS
1
2
3
4
5
6
7
8
9
10
11
12
12-BIT
RESISTOR
LADDER
NETWORK
AND
CURRENT
SWITCHES
REF
CONTROL
CIRCUIT
6.3k
2k
3k
5k
24
23
22
21
20
19
18
17
16
15
14
13
Figure 6. External Adjustment and Voltage Supply
Connection Diagram, Current Model
Offset Adjustment
For unipolar (CSB) configurations, apply the digital input code
that should produce zero potential output and adjust the
OFFSET potentiometer for zero output. For bipolar (COB, CTC)
configurations, apply the digital input code that should produce
the maximum negative output voltage. Example: If the FULL
SCALE RANGE is connected for 20 V, the maximum negative
output voltage is –10 V. See Table II for corresponding codes.
Gain Adjustment
For either unipolar or bipolar configurations, apply the digital
input that should give the maximum positive voltage output.
Adjust the GAIN potentiometer for this positive full-scale voltage.
See Table II for positive full-scale voltages.
12-BIT
RESISTOR
LADDER
NETWORK
AND
CURRENT
SWITCHES
REF
CONTROL
CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
6.3k
5k
5k
+
1 F
1 F
0.01 F
10M
+VS
10k
TO
100k
+VS
–VS
10k
TO
100k
–VS
3.9M
Figure 7. External Adjustment and Voltage Supply
Connection Diagram, Voltage Model
10M
270k
270k
7.8k
3.9M
180k
180k
10k
Figure 8. Equivalent Resistances
Table II. Digital Input Analog Output
Digital Input
Analog Output
12-Bit Resolution
Voltage*
Current
MSB
LSB
0 to +10 V
10 V
0 to –2 mA
1 mA
0 0 0 0 0 0 0 0 0 0 0 0
+9.9976 V
+9.9951 V
–1.9995 mA
–0.9995 mA
0 1 1 1 1 1 1 1 1 1 1 1
+5.0000 V
0.0000 V
–1.0000 mA
0.0000 mA
1 0 0 0 0 0 0 0 0 0 0 0
+4.9976 V
4.88 mV
–0.9995 mA
+0.0005 mA
1 1 1 1 1 1 1 1 1 1 1 1
0.0000 V
–10.0000 V
0.0000 mA
–1.00 mA
l LSB
2.44 mV
–0.0049 V
0.488
µA
0.488
µA
*To obtain values for other binary ranges 0 to 5 V range: divide 0 to 10 values by 2;
± 5 V range: divide
± 10 V range values by 2; ±2.5 V range: divide ±10 V range values by 4.


同様の部品番号 - ADDAC80D-CBI-V

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDAC80D-CBI-V AD-ADDAC80D-CBI-V Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

同様の説明 - ADDAC80D-CBI-V

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com