データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADEL2020AN データシート(PDF) 4 Page - Analog Devices

部品番号 ADEL2020AN
部品情報  Improved Second Source to the EL2020
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADEL2020AN データシート(HTML) 4 Page - Analog Devices

  ADEL2020AN Datasheet HTML 1Page - Analog Devices ADEL2020AN Datasheet HTML 2Page - Analog Devices ADEL2020AN Datasheet HTML 3Page - Analog Devices ADEL2020AN Datasheet HTML 4Page - Analog Devices ADEL2020AN Datasheet HTML 5Page - Analog Devices ADEL2020AN Datasheet HTML 6Page - Analog Devices ADEL2020AN Datasheet HTML 7Page - Analog Devices ADEL2020AN Datasheet HTML 8Page - Analog Devices ADEL2020AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
ADEL2020–Typical Performance Characteristics
FREQUENCY – MHz
1
1000
1
–1
–3
–5
0
–2
–4
10
100
0
–90
–180
–45
–135
–225
–270
GAIN = +1
RL = 150
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
TPC 1. Closed-Loop Gain and Phase vs. Frequency,
G = + 1, RL = 150
Ω, RF = 1 kΩ for ±15 V, 910 Ω for ±5 V
SUPPLY VOLTAGE –
V
020
70
50
30
10
60
40
20
GAIN = +1
RL = 150
VO = 250mV p-p
2468
10
12
14
16
18
80
90
100
110
RF = 750
RF = 1k
RF = 1.5k
PEAKING < 1.0dB
PEAKING < 0.1dB
TPC 2. –3 dB Bandwidth vs. Supply Voltage,
Gain = +1, RL = 150
FREQUENCY – MHz
1
1000
1
–1
–3
–5
0
–2
–4
10
100
180
90
0
135
45
–45
GAIN = –1
RL = 150
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
TPC 3. Closed-Loop Gain and Phase vs. Frequency,
G = –1, RL = 150
Ω, RF = 680 Ω for ±15 V, 620 Ω for ±5 V
FREQUENCY – MHz
1
1000
1
–1
–3
–5
0
–2
–4
10
100
0
–90
–180
–45
–135
–225
–270
GAIN = +1
RL = 1k
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
TPC 4. Closed-Loop Gain and Phase vs. Frequency,
G = +1, RL = 1 k
Ω, RF = 1 kΩ for ±15 V, 910 Ω for ±5 V
SUPPLY VOLTAGE –
V
020
70
50
30
10
60
40
20
GAIN = –1
RL = 150
VO = 250mV p-p
2468
10
12
14
16
18
80
90
100
110
RF = 499
RF = 681
RF = 1k
PEAKING < 1.0dB
PEAKING < 0.1dB
TPC 5. –3 dB Bandwidth vs. Supply Voltage,
Gain = –1, RL = 150
FREQUENCY – MHz
1
1000
1
–1
–3
–5
0
–2
–4
10
100
180
90
0
135
45
–45
GAIN = –1
RL = 1k
GAIN
PHASE
VS = 15V
5V
VS = 15V
5V
TPC 6. Closed-Loop Gain and Phase vs. Frequency,
G = –1, RL = 1 k
Ω, RF = 680 Ω for VS = ±15 V, 620 Ω
for
±5 V


同様の部品番号 - ADEL2020AN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADEL2020AN AD-ADEL2020AN Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
More results

同様の説明 - ADEL2020AN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
PerkinElmer Optoelectro...
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com