データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HIN14C89E データシート(PDF) 2 Page - Intersil Corporation

部品番号 HIN14C89E
部品情報  Low Power Quad RS-232 Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN14C89E データシート(HTML) 2 Page - Intersil Corporation

  HIN14C89E Datasheet HTML 1Page - Intersil Corporation HIN14C89E Datasheet HTML 2Page - Intersil Corporation HIN14C89E Datasheet HTML 3Page - Intersil Corporation HIN14C89E Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
469
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) < VCC < 6V
Input Voltages
Input A - D
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
Output Voltages
Output A - D . . . . . . . . . . . . . (GND -0.3V) < VRXOUT < (V+ +0.3V)
Short Circuit Duration
Output A - D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Continuous Total Power Dissipation (TA = 25
oC)
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .375mW
Derate -7.0 mW/C above 70oC
ESD Classification: EIC1000-4-2 Class 4 Compliant
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
14 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . .
90
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
Temperature Ranges
HIN14C89EC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, TA = Operating Temperature Range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage High, VOH
IOUT = -3.2mA
2.5
4.1
-
V
Output Voltage Low, VOL
IOUT = 3.2mA
-
0.17
0.4
V
Output Short Circuit Current, IOS
(Note 2)
Shorted to GND
-
-11
-
mA
Shorted to VCC
-35-
Supply Current, ICC
-
1
100
µA
Input Voltage Range, VlN
-25
-
25
V
Input Voltage High, VlH
-
2.15
2.60
V
Input Voltage Low, VlL
0.75
1.4
-
V
Input Hysteresis, VHYST
-
0.7
-
V
Input Resistance, RlN
3.0
5.0
7.0
k
Output Propagation Delay, Low to High, tPLH
-
1.9
4.0
µS
Output Propagation Delay, High to Low, tPHL
-
2.0
4.0
µS
Output Propagation Delay Skew, [tPLH + tPHL],
tSKEW
-
120
-
nS
Output Transition Time, tTR
VOUT = 10% to 90%
-
110
-
nS
Input Noise Rejection, tN
Pulse Amplitude = 5V
-
0.8
-
µS
Guaranteed Data Rate, DR
VCC = 5V
120
240
-
kbps
ESD Protection
Human Body Model (Note 3)
IEC1000-4-2 (Contact Discharge)
IEC1000-4-2 (Air-Gap Discharge)
-
±15
±8
±15
-
kV
NOTES:
2. Guaranteed by design.
3. RlN pins to GND.
HIN14C89E


同様の部品番号 - HIN14C89E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HIN14C89E INTERSIL-HIN14C89E Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
HIN14C89ECBN INTERSIL-HIN14C89ECBN Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
HIN14C89ECP INTERSIL-HIN14C89ECP Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
HIN14C89E INTERSIL-HIN14C89E_01 Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
More results

同様の説明 - HIN14C89E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HIN14C89E INTERSIL-HIN14C89E_01 Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E Datasheet
80Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
MAX1489E MAXIM-MAX1489E_V01 Datasheet
510Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
logo
NEC
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com