データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7025 データシート(PDF) 7 Page - Analog Devices

部品番号 ADF7025
部品情報  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7025 データシート(HTML) 7 Page - Analog Devices

Back Button ADF7025_15 Datasheet HTML 3Page - Analog Devices ADF7025_15 Datasheet HTML 4Page - Analog Devices ADF7025_15 Datasheet HTML 5Page - Analog Devices ADF7025_15 Datasheet HTML 6Page - Analog Devices ADF7025_15 Datasheet HTML 7Page - Analog Devices ADF7025_15 Datasheet HTML 8Page - Analog Devices ADF7025_15 Datasheet HTML 9Page - Analog Devices ADF7025_15 Datasheet HTML 10Page - Analog Devices ADF7025_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
ADF7025
Rev. B | Page 7 of 44
TIMING CHARACTERISTICS
VDD = 3 V ± 10%; VGND = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
<10
ns
SDATA to SCLK setup time
t2
<10
ns
SDATA to SCLK hold time
t3
<25
ns
SCLK high duration
t4
<25
ns
SCLK low duration
t5
<10
ns
SCLK to SLE setup time
t6
<20
ns
SLE pulse width
t8
<25
ns
SCLK to SREAD data valid, readback
t9
<25
ns
SREAD hold time after SCLK, readback
t10
<10
ns
SCLK to SLE disable time, readback
1 Guaranteed by design, not production tested.
TIMING DIAGRAMS
SCLK
SLE
DB31 (MSB)
DB30
DB2
DB1
(CONTROL BIT C2)
SDATA
DB0 (LSB)
(CONTROL BIT C1)
t6
t1
t2
t3
t4
t5
Figure 2. Serial Interface Timing Diagram
t8
t3
t1
t2
t10
t9
X
RV16
RV15
RV2
RV1
SCLK
SDATA
SLE
SREAD
REG7 DB0
(CONTROL BIT C1)
Figure 3. Readback Timing Diagram


同様の部品番号 - ADF7025_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7025BCPZ AD-ADF7025BCPZ Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7025BCPZ-RL AD-ADF7025BCPZ-RL Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7025BCPZ-RL7 AD-ADF7025BCPZ-RL7 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
More results

同様の説明 - ADF7025_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com