データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7901 データシート(PDF) 5 Page - Analog Devices

部品番号 ADF7901
部品情報  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7901 データシート(HTML) 5 Page - Analog Devices

  ADF7901_15 Datasheet HTML 1Page - Analog Devices ADF7901_15 Datasheet HTML 2Page - Analog Devices ADF7901_15 Datasheet HTML 3Page - Analog Devices ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADF7901
Rev. A| Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.1
Table 2.
Parameter
Value
VDD to GND2
−0.3 V to +4.0 V
RFVDD to GND
−0.3 V to +4.0 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
0°C to 50°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
125°C
TSSOP θJA Thermal Impedance
150.4°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
235°C
Infrared (15 sec)
240°C
1 This device is a high performance, RF-integrated circuit with an ESD rating
of <1 kV. It is ESD sensitive. Take proper precautions for handling and
assembly.
2 GND = RFGND = DGND = 0 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - ADF7901_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

同様の説明 - ADF7901_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com