データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB09N06Q8 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 MTB09N06Q8
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N06Q8 データシート(HTML) 6 Page - Cystech Electonics Corp.

  MTB09N06Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N06Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C912Q8
Issued Date : 2014.07.24
Revised Date :
Page No. : 6/9
MTB09N06Q8
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
8
16
24
32
40
48
56
64
72
0
2
4
6
8
10
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Maximum Power Dissipation
0
100
200
300
400
500
600
700
800
900
1000
0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=175°C
TC=25°C
θJC=25°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJC(t)=r(t)*RθJC
2.Duty Factor, D=t1/t2
3.TJM-TC=PDM*RθJC(t)
4.RθJC=25°C/W


同様の部品番号 - MTB09N06Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB09N06E3 CYSTEKEC-MTB09N06E3 Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06E3-0-UB-X CYSTEKEC-MTB09N06E3-0-UB-X Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3 CYSTEKEC-MTB09N06F3 Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3-0-T7-X CYSTEKEC-MTB09N06F3-0-T7-X Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06FP CYSTEKEC-MTB09N06FP Datasheet
414Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB09N06Q8

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com