データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB09N06Q8-0-T3-G データシート(PDF) 9 Page - Cystech Electonics Corp.

部品番号 MTB09N06Q8-0-T3-G
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N06Q8-0-T3-G データシート(HTML) 9 Page - Cystech Electonics Corp.

  MTB09N06Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N06Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C912Q8
Issued Date : 2014.07.24
Revised Date :
Page No. : 9/9
MTB09N06Q8
CYStek Product Specification
SOP-8 Dimension
*: Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.1850
0.2007
4.70
5.10
I
0.0031
0.0110
0.08
0.28
B
0.1457
0.1614
3.70
4.10
J
0.0157
0.0323
0.40
0.83
C
0.2283
0.2441
5.80
6.20
K
0.0074
0.0102
0.19
0.26
D
0.0500*
1.27*
L
0.0145
0.0204
0.37
0.52
E
0.0130
0.0201
0.33
0.51
M
0.0118
0.0197
0.30
0.50
F
0.1472
0.1527
3.74
3.88
N
0.0031
0.0051
0.08
0.13
G
0.0472
0.0638
1.20
1.62
O
0.0000
0.0059
0.00
0.15
H
0.1889
0.2007
4.80
5.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
 Lead: Pure tin plated.
 Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
 CYStek reserves the right to make changes to its products without notice.
 CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Top View
A
B
Front View
F
C
D
E
G
Part A
I
H
J
K
O
M
L
N
Right side View
Part A
Date Code
Device Name
B09
N06


同様の部品番号 - MTB09N06Q8-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB09N06E3 CYSTEKEC-MTB09N06E3 Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06E3-0-UB-X CYSTEKEC-MTB09N06E3-0-UB-X Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3 CYSTEKEC-MTB09N06F3 Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3-0-T7-X CYSTEKEC-MTB09N06F3-0-T7-X Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06FP CYSTEKEC-MTB09N06FP Datasheet
414Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB09N06Q8-0-T3-G

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com