データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB110P10E3 データシート(PDF) 5 Page - Cystech Electonics Corp.

部品番号 MTB110P10E3
部品情報  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10E3 データシート(HTML) 5 Page - Cystech Electonics Corp.

  MTB110P10E3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10E3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C968E3
Issued Date : 2014.08.04
Revised Date :
Page No. : 5/8
MTB110P10E3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
Coss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250μA
ID=-1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
-ID, Drain Current(A)
VDS=-10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Total Gate Charge---Qg(nC)
ID=-11A
VDS=-80V
VDS=-50V
VDS=-20V
Maximum Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
10μs
RDS(ON)
Limit
TC=25°C, Tj=175°C,
VGS=10V,RθJC=1.1°C/W
single pulse
Maximum Drain Current vs Case Temperature
0
5
10
15
20
25
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
VGS=10V, RθJC=1.1°C/W


同様の部品番号 - MTB110P10E3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB110P10F3 CYSTEKEC-MTB110P10F3 Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10F3-0-T7-S CYSTEKEC-MTB110P10F3-0-T7-S Datasheet
542Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10J3 CYSTEKEC-MTB110P10J3 Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10J3-0-T3-G CYSTEKEC-MTB110P10J3-0-T3-G Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB110P10E3

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com