データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB110P10F3-0-T7-S データシート(PDF) 9 Page - Cystech Electonics Corp.

部品番号 MTB110P10F3-0-T7-S
部品情報  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB110P10F3-0-T7-S データシート(HTML) 9 Page - Cystech Electonics Corp.

  MTB110P10F3-0-T7-S Datasheet HTML 1Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 2Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 3Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 4Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 5Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 6Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 7Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 8Page - Cystech Electonics Corp. MTB110P10F3-0-T7-S Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C968F3
Issued Date : 2014.08.05
Revised Date :
Page No. : 9/9
MTB110P10F3
CYStek Product Specification
TO-263 Dimension
*:Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.3800
0.4050
9.65
10.29
I
0.0500
0.0700
1.27
1.78
B
0.3300
0.3700
8.38
9.40
J
-
*0.1000
-
*2.54
C
-
0.0550
-
1.40
K
0.0450
0.0550
1.14
1.40
D
0.5750
0.6250
14.61
15.88
L
0.0200
0.0390
0.51
0.99
E
0.1600
0.1900
4.06
4.83
1
-
-
6
8
F
0.0450
0.0550
1.14
1.40
2
-
-
6
8
G
0.0900
0.1100
2.29
2.79
3
-
-
0
5
H
0.0180
0.0290
0.46
0.74
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
 Lead : Pure tin plated.
 Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
 CYStek reserves the right to make changes to its products without notice.
 CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
C
D
1
2
3
K
L
J
G
H
F
E
2
1
2
3
I
Style : Pin 1.Gate
2.Drain
3.Source
3-Lead Plastic Surface Mounted Package
CYStek Package Code : F3
Marking :
B110
P10
□□□□
Device Name
Date Code


同様の部品番号 - MTB110P10F3-0-T7-S

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB110P10E3 CYSTEKEC-MTB110P10E3 Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10E3-0-UB-X CYSTEKEC-MTB110P10E3-0-UB-X Datasheet
546Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB110P10J3 CYSTEKEC-MTB110P10J3 Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10J3-0-T3-G CYSTEKEC-MTB110P10J3-0-T3-G Datasheet
612Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB110P10L3 CYSTEKEC-MTB110P10L3 Datasheet
387Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB110P10F3-0-T7-S

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com